Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC4 Datasheet(PDF) 9 Page - C&K Components

Part # KSC4
Description  Sealed Tact Switch for SMT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC4 Datasheet(HTML) 9 Page - C&K Components

Back Button KSC4 Datasheet HTML 5Page - C&K Components KSC4 Datasheet HTML 6Page - C&K Components KSC4 Datasheet HTML 7Page - C&K Components KSC4 Datasheet HTML 8Page - C&K Components KSC4 Datasheet HTML 9Page - C&K Components KSC4 Datasheet HTML 10Page - C&K Components KSC4 Datasheet HTML 11Page - C&K Components KSC4 Datasheet HTML 12Page - C&K Components KSC4 Datasheet HTML 13Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
B–83
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
6 may 19
KSC4 Series
Sealed Tact Switch for SMT
+0,3
6,2 0
ø 2,7
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Contact Material
1 Silver
2 Silver long life
3 Gold
4 Gold long life
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
K S C 4
Operating Force
0 1.45 N (145 grams)
1 1.4N (140 grams)
2 1.7 N (170 grams)
4 4 N (400 grams)
5 4.25 N (425 grams)
6 6.25 N (625 grams)
See mechanical chart above
to confirm specifications
Termination
J J bend
G Gullwing
50SH 50 shore **
70SH 70 shore ***
SPD Special delta version
ST1 High click
ST2 Low click
Operating
Operating
Type
force FA
life
Travel
(Newtons)
(operations)
(mm)
KSC401 50SH
1.45 ± 0.55
5,000,000
0.5 ± 0.25
KSC411 70SH
1.4 ± 0.35
1,000,000
0.35 ± 0.20
KSC421 70SH
1.7 ± 0.45
300,000
0.5 ± 0.25
KSC422 70SH
1.7 ± 0.45
1,000,000
0.5 ± 0.25
KSC441 70SH
4 ± 1
300,000
0.75 ± 0.25
KSC442 70SH
4 ± 1
1,000,000
0.75 ± 0.25
KSC451 70SH
4.25 ± 0.75
300,000
0.8 ± 0.2
KSC441 SPD
3.5 ± 0.9
300,000
0.7 ± 0.2
KSC441 ST1
3.4 ± 1
300,000
0.7 ± 0.25
KSC441 ST2
3.4 ± 1
300,000
0.35 ± 0.20
KSC461 ST1
6.25 ± 1.75
100,000
1 ± 0.3
KSC461 ST2
6.25 ± 1.75
300,000
0.5 ± 0.2
KSC4 soft actuator 5,2 mm high
Packaging
Switches delivered on continuous tape & reels of 1,000 pieces
Dimensions according to EIA RS-481/ IEC 60286-3 standard
External diameter 330 ± 2 mm
** applies to KSC401J/G50SH only
*** applies to KSC411J/G70SH, KSC421J/G70SH and KSC441J/G70SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com