Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6503P02 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6503P02
Description  Mask Rom
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6503P02 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6503P02 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6503P02 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6503P02 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6503P02 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6503P02 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6503P02 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6503P02 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6503P02 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6503P02 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
2.
EM6503
Input/Output ports
All ports if selected as outputs are Push-pull outputs (driving high / low).
Inputs are not blocked when Output is selected and Outputs comes Hi-Z in Sleep mode.
Input/Output Port Options
Pull-Up
Yes / No
Pull-Down
Yes / No
Nch-open drain
Yes / No
Input blocked
when Output
Yes / No
Output Hi-Z in
SLEEP mode
Yes / No
0
1
4
5
6
A0
PA0 input
NO
NO
A1
PA1 input
NO
NO
A2
PA2 input
NO
NO
A3
PA3 input
NO
NO
B0
PB0 In/Out
NO
NO
NO
NO
YES
B1
PB1 In/Out
NO
NO
NO
NO
YES
B2
PB2 In/Out
NO
NO
NO
NO
YES
B3
PB3 In/Out
NO
NO
NO
NO
YES
C0
PC0 In/Out
NO
NO
NO
NO
YES
C1
PC1 In/Out
NO
NO
NO
NO
YES
C2
PC2 In/Out
NO
NO
NO
NO
YES
C3
PC3 In/Out
NO
NO
NO
NO
YES
D0
PD0 In/Out
NO
NO
NO
NO
YES
D1
PD1 In/Out
NO
NO
NO
NO
YES
D2
PD2 In/Out
NO
NO
NO
NO
YES
D3
PD3 In/Out
NO
NO
NO
NO
YES
PortA reset
No PortA reset option is selected
NO PortA reset
combination
PA0 & PA1 logic
AND input reset
PA0 & PA1 & PA2
logic AND input
reset
PA0 & PA1 & PA2 &
PA3 logic AND input
reset
0
1
2
3
RA
PortA RESET
X
Supply Voltage Level Detector
T= -10°C to 60°C
Symb.
Parameter
Min.
Typ.
Max.
Unit
VSVLD1
SVLD voltage Level1
2.25
2.5
2.75
V
VSVLD2
SVLD voltage Level2
3.15
3.5
3.85
V
VSVLD3
SVLD voltage Level3
3.87
4.3
4.73
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com