Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6522 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6522
Description  Mask Rom
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6522 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6522 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6522 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
EM65XX
Copyright
© 2005, EM Microelectronic-Marin SA
3
www.emmicroelectronic.com
1.
General
The EM65xx is the Multiple Field Programmable Version of the corresponding EM66xx 4 bit
Microcontroller
The program ROM is replaced by non volatile memory, which can be programmed up to 100 times.
Functionally, the two types are equal, except the metal options which are defined in the following
pages.
Electrically, the MFP ‘s work above 2.0V and need more current, see the tables in the following
description.
The programming is done with the EM MFP programmer, either by putting the device onto the
programmer or connecting it with the connector at the back to your board.
Handling Procedures
This devices have built-in protection against high static voltages or electric fields; however, anti-static
precautions should be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur when all terminal voltages are kept within
the supply voltage range.
Absolute maximum ratings
Min.
Max.
Units
Power supply VDD-VSS
- 0.2
+ 5.5
V
Input voltage
VSS - 0.2
VDD+0.2
V
Storage temperature
- 40
+ 125
°C
Electrostatic discharge to
MIL-STD-883C method 3015
-2000
+2000
V
Maximum soldering conditions
10s x 250°C
Stresses above these listed maximum ratings may cause permanent damage to the device. Exposure beyond
specified electrical characteristics may affect device reliability or cause malfunction.
Ordering Information
The MFP’s should be used for engineering purposes only. No volume production must be planned.
EM65xx
Qin
Vdd
Qout
Test
Vreg
Vss
EM MFP
Programmer
Your
PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com