Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5210F1 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5210F1
Description  Panel Mounted LED Indicator Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5210F1 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5210F1 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5210F Series Panel Mounted LED Indicator Light
4-7
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S
Features
This is an insulated lead version of the 5200F Series Sub-miniature
Super Brite LED assembly that offers superior performance in a
package that is economical to buy and install. This series gives
protection against static discharge.
Mounting: Will snap-fit into Ø.187/.192 hole panels .020/.097 thick.
Wire leads: No. 26 AWG, 4.4/4.8 long, stripped .180/.320
Anode(+): Red lead
Lens: Polycarbonate
Housing: Polycarbonate
All dimensions
in inches.
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
VoltageTyp.
(V)
Forward
Voltage Max.
(V)
Peak Forward
Current @ 1ms-
300pps (A)
Reverse
Break-down
Voltage Min.
(V)
5210F1
5210F5
5210F7
5210F6-5V
Red
Green
Yellow
Blue
6.0
12.0
20.0
10
20
20
30
30
30
(Uses #680 lamp, incandescent 200,000 hours, 5V, .06A)
2.0
2.2
2.1
3.0
3.0
3.0
1.0
.09
3.0
5
5
5
.270
.310
Ø.210


Similar Part No. - 5210F1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5210 ETC2-5210 Datasheet
205Kb / 1P
A-AA DUAL M/F BATTERY CONTACT
5210 ETC2-5210 Datasheet
457Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
logo
Keystone Electronics Co...
5210 KEYSTONE-5210 Datasheet
452Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Alpha Wire
5210-2C ALPHAWIRE-5210-2C Datasheet
410Kb / 4P
22 (7/30) AWG Tinned Copper
5210/2C ALPHAWIRE-5210/2C Datasheet
410Kb / 4P
22 (7/30) AWG Tinned Copper
More results

Similar Description - 5210F1

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5101H1 CML-5101H1 Datasheet
21Kb / 1P
Panel Mounted LED Indicator Light
5111F CML-5111F Datasheet
22Kb / 1P
Panel Mounted LED Indicator Light
5894S CML-5894S Datasheet
66Kb / 1P
Panel Mounted LED Indicator Light
5994S CML-5994S Datasheet
65Kb / 1P
Panel Mounted LED Indicator Light
logo
Visual Communications C...
5101H VCC-5101H Datasheet
94Kb / 1P
Panel Mounted LED Indicator Light
5110F VCC-5110F Datasheet
96Kb / 1P
Panel Mounted LED Indicator Light
5111F VCC-5111F Datasheet
100Kb / 1P
Panel Mounted LED Indicator Light
5200F VCC-5200F Datasheet
102Kb / 1P
Panel Mounted LED Indicator Light
5894S VCC-5894S Datasheet
87Kb / 1P
Panel Mounted LED Indicator Light
5994S VCC-5994S Datasheet
87Kb / 1P
Panel Mounted LED Indicator Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com