Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5639D1/5 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5639D1/5
Description  Rectangular Bicolor Right Angle LED Assembly
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5639D1/5 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5639D1/5 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5639 Series Rectangular Bicolor Right Angle LED Assembly
1-183
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
565
635
2.5
2.5
2.3
2.1
5
5
25
25
Green
Red
(V )
Max.
(V )
Typ.
Continuous
Forward
Current Max.
(mA)
Revers e
Breakdown
Voltage Min.
(V )
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
5639D1/5
Typical
Intens ity
(mcd)
3.5
4.0
20
20
Rated
Current
(mA)
Features
•3 lead design provides 3 color output.
•Brightness matched chips.
•Block mounting for consistent height
and spacing alignment, saves assembly
cost.
•Snap-in mounting
•Standoffs prevent flux entrapment.
Housing: Thermoplastic polyester, black
UL94V-O
Mounting hole pattern on page 1-X6.
All dimensions in inches.
RE D
ANODE (+)
GR EEN
ANODE (+)
CAT HODE (-)
.070
.080
.200
.280
.320
.200
.300
.310
.120
.110±.010
.050
.050
.164±.015
.490
.280
.100
.100


Similar Part No. - 5639D1/5

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5639D1 VCC-5639D1 Datasheet
81Kb / 1P
Rectangular Bicolor Right Angle LED Assembly
More results

Similar Description - 5639D1/5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5620R1 CML-5620R1 Datasheet
26Kb / 1P
Rectangular Right Angle LED Assembly
logo
Sanken electric
SML10060 SANKEN-SML10060 Datasheet
31Kb / 1P
2.5x5 Rectangular Bicolor LED
SML70020 SANKEN-SML70020 Datasheet
29Kb / 1P
3.3x6 Rectangular Bicolor LED (Direct Mount)
logo
Visual Communications C...
5300 VCC-5300 Datasheet
101Kb / 1P
T-1 3/4 Bicolor Right Angle LED Assembly
5620R VCC-5620R Datasheet
120Kb / 1P
Rectangular Right Angle LED Assembly
5639 VCC-5639 Datasheet
81Kb / 1P
Rectangular Bicolor Right Angle LED Assembly
logo
LUMEX INC.
SSL-LX2573GHW LUMEX-SSL-LX2573GHW Datasheet
51Kb / 1P
2mm X 5mm RECTANGULAR BICOLOR LED
SSL-LX2573HGW LUMEX-SSL-LX2573HGW Datasheet
53Kb / 1P
2mm X 5mm RECTANGULAR BICOLOR LED
SSL-LX2573SRSGW LUMEX-SSL-LX2573SRSGW Datasheet
51Kb / 1P
2mm X 5mm RECTANGULAR BICOLOR LED
SSL-LX2577GIW LUMEX-SSL-LX2577GIW Datasheet
51Kb / 1P
2mm X 5mm Rectangular BICOLOR LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com