Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7010X Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 7010X
Description  SMT LEDs 1206 Package Size
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

7010X Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  7010X Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Technology
•Tape and reel packaged for high-speed autoinsertion.
•Convection and vapor-phase reflow compatible.
•Compact form enables high density placement.
•Packaged 2500 pieces per reel.
Leading Edge LED Optoelectronic Performance
•Consistent high brightness.
Exceptional Reliability
•Stringent process controls assure quality.
•Extensive qualification testing to meet strictest requirements.
•Designed to permit easy post-reflow solder joint inspection.
•Solder pad geometry on page 1-X2.
DESCRIP TION A ND FE A T URES
7010X Series SMT LEDs 1206 Package Size
1-35
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL ECTRO-OP TIC A L CH A R A C TERISTICS A ND R A TINGS
0.60
0.90
1.50
1.60
1.80
2.00
1.50
3.00
2
2
1
1
CAT HODE
MAR K
LE D C HIP
LE NS
All dimensions
in mm.
17.0
12.0
7.5
9.0
70
-40 to+100
-30 to +85
60
70
660
-
6.0
2.0
1.7
20
Clear
Red
7010X11
70
-40 to+100
-30 to +85
75
70
570
-
6.0
2.5
2.1
20
Clear
Yellow
7010X7
70
-40 to +100
-30 to +85
75
70
560
-
3.0
2.5
2.1
20
Clear
Green
7010X5
70
-40 to +100
-30 to +85
75
70
605
-
5.0
2.5
2.2
20
Clear
Orange
7010X3
7010X1
Non-Diffus ed
PAR T NUMB E R
Output C olor
PackageC olor
Tes t C urrent (mA)
Forward Voltage T yp. (V)
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
Storage T emperature (°C )
Peak F orward C urrent Max. (1µs @ 10% duty cycle) (mA)
Diffus ion
Viewing Angle 20 1/2 (degrees)
Red
Clear
20
2.0
2.5
3.5
6.0
-
630
70
75
-30 to +85
-40 to+100
70
Non-Diffused Non-Diffus ed Non-Diffus edNon-Diffus ed
Revers eV oltage (IR=100µA) (V )
44
4
4
4
Luminous Intens ity Max. (mcd)
Power Dissipation (mW)
Operating T emperature (°C )
Lead S older Time @ 260°C
55
5
5
5
2.3
6.0
70
-40 to+100
-30 to +85
75
70
555
-
0.9
2.5
2.1
20
Clear
Green
7010X15
70
-40 to+100
-30 to +85
75
70
580
-
3.0
2.5
2.2
20
Clear
Yellow
7010X13
Non-Diffus edNon-Diffused
44
55


Similar Part No. - 7010X

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
7010X VCC-7010X Datasheet
660Kb / 1P
SMT LEDs 1206 Package Size
logo
Arista Networks, Inc
7010X ARISTA-7010X Datasheet
1Mb / 10P
7010X Series Data Center Switches
Oct 1, 2024
logo
Visual Communications C...
7010X11 VCC-7010X11 Datasheet
660Kb / 1P
SMT LEDs 1206 Package Size
7010X13 VCC-7010X13 Datasheet
660Kb / 1P
SMT LEDs 1206 Package Size
7010X15 VCC-7010X15 Datasheet
660Kb / 1P
SMT LEDs 1206 Package Size
More results

Similar Description - 7010X

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7016X CML-7016X Datasheet
78Kb / 2P
SMT LEDs 1208 Package Size
7022X CML-7022X Datasheet
68Kb / 1P
SMT LEDs 1206 Package Size
CMD11-21 CML-CMD11-21 Datasheet
68Kb / 1P
1CMD11-21 SMT LEDs 1206 Package Size
CMD15-21 CML-CMD15-21 Datasheet
245Kb / 1P
SMT LEDs 1206 Package Size
CMD17-21 CML-CMD17-21 Datasheet
74Kb / 1P
SMT LEDs 0805 Package Size
logo
Visual Communications C...
7010X VCC-7010X Datasheet
660Kb / 1P
SMT LEDs 1206 Package Size
7022X VCC-7022X Datasheet
727Kb / 1P
SMT LEDs 1206 Package Size
CMD11-21 VCC-CMD11-21 Datasheet
620Kb / 1P
SMT LEDs 1206 Package Size
CMD15-21 VCC-CMD15-21 Datasheet
703Kb / 1P
SMT LEDs 1206 Package Size
CMD17-21 VCC-CMD17-21 Datasheet
626Kb / 1P
SMT LEDs 0805 Package Size
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com