Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS61H100CW Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS61H100CW
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS61H100CW Datasheet(HTML) 2 Page - STMicroelectronics

  STPS61H100CW Datasheet HTML 1Page - STMicroelectronics STPS61H100CW Datasheet HTML 2Page - STMicroelectronics STPS61H100CW Datasheet HTML 3Page - STMicroelectronics STPS61H100CW Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STPS61H100CW
2/4
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage
current
Tj = 25°C
VR =VRRM
316
µA
Tj = 125°C
416
mA
VF *
Forward voltage drop
Tj = 25
°CIF =30 A
0.79
V
Tj = 125°C
IF =30 A
0.63
0.67
Tj = 25
°CIF =60 A
0.93
Tj = 125°C
IF =60 A
0.72
0.78
Pulse test : * tp = 380
µs, δ <2%
To evaluate the conduction losses use the following equation:
P = 0.56 x IF(AV) + 0.0036 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
Total
0.9
0.6
°C/W
Rth(j-c)
Junction to case
Coupling
0.3
°C/W
THERMAL RESISTANCES
When the diodes 1 and 2 are used simultaneously :
∆ Tj(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
P(W)
F(AV)
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
40
I(A)
F(AV)
T
δ=tp/T
tp
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
Fig. 1: Conduction losses versus average current
(per diode).
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
Fig. 2: Normalized avalanche power derating
versus pulse duration.
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T(°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus junction temperature.
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
175
I(A)
F(AV)
T
(°C)
amb
T
δ=tp/T
tp
R=R
th(j-a)
th(j-c)
R
=15°C/W
th(j-a)
Fig. 4: Average forward current versus ambient
temperature (
δ=0.5, per diode).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com