Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F533 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F533
Description  Latch/flip-flop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F533 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F533 Datasheet HTML 3Page - NXP Semiconductors 74F533 Datasheet HTML 4Page - NXP Semiconductors 74F533 Datasheet HTML 5Page - NXP Semiconductors 74F533 Datasheet HTML 6Page - NXP Semiconductors 74F533 Datasheet HTML 7Page - NXP Semiconductors 74F533 Datasheet HTML 8Page - NXP Semiconductors 74F533 Datasheet HTML 9Page - NXP Semiconductors 74F533 Datasheet HTML 10Page - NXP Semiconductors 74F533 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F533,* 74F534
Latch/flip-flop
1999 Jan 08
7
* Discontinued part. Please see the Discontinued Products List.
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITIONS
Tamb= +25°C
VCC = +5V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5.0V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time,
Dn to E
Waveform 4
1.5
0
1.5
0
ns
th(H)
th(L)
Hold time,
Dn to E
74F533
Waveform 4
2.5
2.5
2.5
2.5
ns
tw(H)
E Pulse width,
High
Waveform 3
3.0
3.0
ns
ts(H)
ts(L)
Setup time,
Dn to CP
Waveform 5
2.0
2.0
2.5
2.5
ns
th(H)
th(L)
Hold time,
Dn to CP
74F534
Waveform 5
0
0
0
0
ns
tw(H)
tw(L)
CP pulse width,
High or Low
Waveform 1
3.0
3.5
3.5
4.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V
The shaded areas indicate when the input is permitted to change for predictable output performance.
tW(H)
CP
Qn
VM
VM
VM
VM
VM
1/fMAX
tW(L)
tPLH
tPHL
SF00989
Waveform 1. Propagation Delay, Clock and Enable Inputs
to Output, Enable, Clock Pulse Widths,
and Maximum Clock Frequency
VM
VM
VM
tPHL
Dn
Qn
VM
tPLH
SF00990
Waveform 2. Propagation Delay for Data to Output
tW(H)
E
Qn
VM
VM
VM
VM
VM
tW(L)
tPLH
tPHL
Dn
SF00991
Waveform 3. Propagation Delay, Enable Input to Output,
and Enable Pulse Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com