Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5146 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 17Page - Texas Instruments LM5146 Datasheet HTML 18Page - Texas Instruments LM5146 Datasheet HTML 19Page - Texas Instruments LM5146 Datasheet HTML 20Page - Texas Instruments LM5146 Datasheet HTML 21Page - Texas Instruments LM5146 Datasheet HTML 22Page - Texas Instruments LM5146 Datasheet HTML 23Page - Texas Instruments LM5146 Datasheet HTML 24Page - Texas Instruments LM5146 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
transconductance of 30 µS. Internal compensation is configured by connecting the EXTCOMP pin through
a 10-kΩ resistance to VDDA. If a 10-kΩ resistor is not detected, the LM5148 defaults to the external loop
compensation network. The transconductance of the amplifier for external compensation is 1200 µS. This is
latched and cannot be reconfigured after programmed unless power to the device is recycled. Use an external
compensation network if higher performance is required to meet a stringent transient response specification. To
reconfigure the compensation (internal or external), remove power and allow VCC to drop below its VCCUVLO
threshold, which is 3.3 V (typical).
TI generally recommends a type-II compensation network for peak current-mode control.
8.3.11 Slope Compensation
The LM5148 provides internal slope compensation for stable operation with peak current-mode control and a
duty cycle greater than 50%. Calculate the buck inductance to provide a slope compensation contribution equal
to one times the inductor downslope using Equation 9.
OUT
S
O-IDEAL
SW
V
(V) R (m )
L
( +
24 F
(MHz)
˜
:
˜
(9)
• A lower inductance value generally increases the peak-to-peak inductor current, which minimizes size and
cost, and improves transient response at the cost of reduced light-load efficiency due to higher cores losses
and peak currents.
• A higher inductance value generally decreases the peak-to-peak inductor current, reducing switch peak and
RMS currents at the cost of requiring larger output capacitors to meet load-transient specifications.
8.3.12 Inductor Current Sense (ISNS+, VOUT)
There are two methods to sense the inductor current of the buck power stage. The first uses a current sense
resistor (also known as a shunt) in series with the inductor, and the second avails of the DC resistance of the
inductor (DCR current sensing).
8.3.12.1 Shunt Current Sensing
Figure 8-4 illustrates inductor current sensing using a shunt resistor. This configuration continuously monitors the
inductor current to provide accurate overcurrent protection across the operating temperature range. For optimal
current sense accuracy and overcurrent protection, use a low inductance ±1% tolerance shunt resistor between
the inductor and the output, with a Kelvin connection to the LM5148 current sense amplifier.
If the peak voltage signal sensed from ISNS+ to VOUT exceeds the current limit threshold of 60 mV, the current
limit comparator immediately terminates the HO output for cycle-by-cycle current limiting. Calculate the shunt
resistance using Equation 10.
'
CS-TH
S
L
OUT(CL)
V
R
I
I
2
(10)
where
• VCS-TH is current sense threshold of 60 mV.
• IOUT(CL) is the overcurrent setpoint that is set higher than the maximum load current to avoid tripping the
overcurrent comparator during load transients.
• ΔIL is the peak-to-peak inductor ripple current.
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com