Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z0107MN6AA4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # Z0107MN6AA4
Description  Standard 1 A Triacs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0107MN6AA4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button Z0107MN6AA4 Datasheet HTML 3Page - STMicroelectronics Z0107MN6AA4 Datasheet HTML 4Page - STMicroelectronics Z0107MN6AA4 Datasheet HTML 5Page - STMicroelectronics Z0107MN6AA4 Datasheet HTML 6Page - STMicroelectronics Z0107MN6AA4 Datasheet HTML 7Page - STMicroelectronics Z0107MN6AA4 Datasheet HTML 8Page - STMicroelectronics Z0107MN6AA4 Datasheet HTML 9Page - STMicroelectronics Z0107MN6AA4 Datasheet HTML 10Page - STMicroelectronics Z0107MN6AA4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
SOT-223 package information
•
Epoxy meets UL94, V0
•
Lead free plating + halogen-free molding resin
Figure 14. SOT-223 package outline
A
A1
e1
D
B1
H
E
e
1
2
4
3
B
V
c
Z01
Package information
DS2116 - Rev 11
page 7/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com