Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXQ125 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # EXQ125
Description  36-100W High Efficiency DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXQ125 Datasheet(HTML) 1 Page - Artesyn Technologies

  EXQ125 Datasheet HTML 1Page - Artesyn Technologies EXQ125 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC CONVERTERS
36-100W High Efficiency DC/DC Converters
1
2 YEAR WARRANTY
EXQ125 Series
Single output
• Ultra-high efficiency topology, 91% at 3.3V,
88% typical at 1.8V
• Industry standard footprint
• Wide baseplate temperature, -40°C to +100°C
• 90% to 110% output trim
• No minimum load
• Overvoltage protection
• Remote on/off
The EXQ125 is a new ultra-high efficiency, open frame, isolated converter series in
an industry standard quarter-brick footprint that provides up to 100 watts of output
power. The EXQ125 delivers very high output current at low voltages, and excellent
useable power density for today’s high end applications. The seven models in the
series feature an input voltage range of 33 to 75VDC and are available in output
voltages of 12V, 5V, 3.3V, 2.5V, 1.8V, 1.5V and 1.2V. The output voltage on each
model is adjustable from 90% to 110% of the nominal value. The EXQ125 series
also has a remote on/off capability. Overcurrent and overvoltage protection features
are included as standard. With full international safety approval including EN60950
(TÜV Rheinland) and UL/cUL1950, the EXQ125 reduces compliance costs and time
to market.
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
EMC CHARACTERISTICS
Conducted emissions
EN55022 (See Note 2)
Level A
EN55022 (See Note 2)
Level B
Radiated emissions
EN55022
Level B
Immunity:
ESD air
EN61000-4-2
8kV (NP), 15kV (NP)
ESD contact
EN61000-4-2
6kV (NP), 8kV (NP)
Radiated field enclosure
EN61000-4-3
10V/m (NP)
Conducted (DC power)
EN61000-4-6
10V (NP)
Conducted (signal)
EN61000-4-6
10V (NP)
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
See table
Operational
Input/output
1500VDC
Input/baseplate
1500VDC
Switching frequency
Fixed
400kHz typ.
Approvals and
EN60950 (TÜV Rheinland)
standards (See Note 4)
UL/cUL1950
Material flammability
UL94V-0
Weight
45g (1.6oz)
MTBF
MIL-HDBK-217F
>300,000 hours
@ 25°C, 100% load
ground benign
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating baseplate
-40°C to +100°C
temperature
Non-operating
-40°C to +125°C
OUTPUT SPECIFICATIONS
Voltage adjustability
90% to 110%
Set point accuracy
±1.5% max.
Line regulation
Low line to high line
±0.1% max.
Load regulation
Full load to min. load
0.2% max.
Minimum load
0A
Overshoot
At turn-on and turn-off
None
Undershoot
1.2V, 1.5V, 1.8V, 2.5V
None
and 3.3V models
Ripple and noise
5Hz to 20MHz
60mV pk-pk
20mV rms
Transient response
2% typ. deviation
(See Note 1)
100µs recovery to
within 1% of setpoint
INPUT SPECIFICATIONS
Input voltage range
48Vin nominal
33 to 75VDC
Input current
No load
85mA
Remote OFF
20mA
Input current (max.)
3.5A max. @ Io max.
(See Note 3)
and Vin = 33 to 75V
Input reflected ripple
(See Note 5)
300mA (pk-pk) typ.
Active high remote ON/OFF
(See Note 7)
Logic compatibility
Open collector ref to -input
ON
Open circuit or >4.0VDC
OFF
<1.2VDC
Undervoltage lockout
Power up
32.5V (typ)
Power down
30.5V (typ)
Start-up time
Power up
6ms (typ)
(See Note 6)
Remote ON/OFF
2ms (typ)
SPECIFICATIONS
File Name: EXQ125S.PDF Rev: 18 June 2002
TÜV


Similar Part No. - EXQ125

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
EXQ125-48S05J ARTESYN-EXQ125-48S05J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
EXQ125-48S12J ARTESYN-EXQ125-48S12J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
EXQ125-48S1V2J ARTESYN-EXQ125-48S1V2J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
EXQ125-48S1V5J ARTESYN-EXQ125-48S1V5J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
EXQ125-48S1V8J ARTESYN-EXQ125-48S1V8J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
More results

Similar Description - EXQ125

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SXQ50 ARTESYN-SXQ50 Datasheet
128Kb / 2P
36-50W High Efficiency DC/DC Converters
EXQ50 ARTESYN-EXQ50 Datasheet
64Kb / 2P
36-50W High Efficiency DC/DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
High-Efficiency DC-DC Converters
logo
Artesyn Technologies
EXQ125-48S1V2J ARTESYN-EXQ125-48S1V2J Datasheet
97Kb / 3P
36-100 W High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
High-Efficiency DC-DC Converters
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
High-Efficiency DC-DC Converters
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
High-Efficiency DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com