Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F552 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F552
Description  Octal registered transceiver with parity and flags 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F552 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F552 Datasheet HTML 3Page - NXP Semiconductors 74F552 Datasheet HTML 4Page - NXP Semiconductors 74F552 Datasheet HTML 5Page - NXP Semiconductors 74F552 Datasheet HTML 6Page - NXP Semiconductors 74F552 Datasheet HTML 7Page - NXP Semiconductors 74F552 Datasheet HTML 8Page - NXP Semiconductors 74F552 Datasheet HTML 9Page - NXP Semiconductors 74F552 Datasheet HTML 10Page - NXP Semiconductors 74F552 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
74F552
Octal registered transceiver with parity and flags (3-State)
1991 Jan 02
7
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
NO TAG
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONSNO TAG
MIN
TYP
NO TAG
MAX
UNIT
FR FS ERROR
IO = 1mA
±10%VCC
2.5
V
FR, FS, ERROR
IOH = –1mA
±5%VCC
2.7
3.4
V
VO
High-level output
A0 A7
VCC = MIN,
VIL = MAX
IO = 3mA
±10%VCC
2.4
V
VOH
g
voltage
A0–A7
VIL = MAX,
VIH = MIN
IOH = –3mA
±5%VCC
2.7
3.3
V
B0 B7 PARITY
IO = 15mA
±10%VCC
2.0
V
B0–B7, PARITY
IOH = –15mA
±5%VCC
2.0
V
FR FS ERROR
IO = 20mA
±10%VCC
0.30
0.50
V
FR. FS. ERROR
IOL = 20mA
±5%VCC
0.30
0.50
V
VO
Low-level output
A0 A7
VCC = MIN,
VIL = MAX
IO = 24mA
±10%VCC
0.35
0.50
V
VOL
voltage
A0–A7
VIL = MAX,
VIH = MIN
IOL = 24mA
±5%VCC
0.35
0.50
V
B0 B7 PARITY
IOL = 48mA
±10%VCC
0.38
0.55
V
B0–B7, PARITY
IOL = 64mA
±5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
Input current at
others
VCC = MAX, VI = 7.0V
100
µA
II
maximum input
voltage
A0–A7, B0–B7,
PARITY
VCC = 5.5V, VI = 5.5V
1
mA
IIH
High-level input
current
others except
A0–A7, B0–B7,
PARITY
VCC = MAX, VI = 2.7V
20
µA
I
Low-level input
others
VCC = MAX V =0 5V
–0.6
mA
IIL
current
OEAS, OEBA
VCC = MAX, VI = 0.5V
–1.2
mA
IOZH+IIH
Off-state output current
High-level voltage applied
A0–A7,
B0–B7
VCC = MAX, VO = 2.7V
70
µA
IOZL+IIL
Off-state output current
Low-level voltage applied
B0–B7,
PARITY
VCC = MAX, VO = 0.5V
–600
µA
IOS
Short-circuit
output
A0–A7, FS, FR,
ERROR
VCC = MAX
–60
–150
mA
OS
currentNO TAG
B0–B7, PARITY
CC
–100
–225
mA
ICCH
115
170
mA
ICC
Supply current
(total)
ICCL
VCC = MAX
125
185
mA
(total)
ICCZ
120
180
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value under the recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS should be performed last.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com