Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8798 Datasheet(PDF) 2 Page - Exar Corporation

Part # MP8798
Description  CMOS Very Low Power, 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8798 Datasheet(HTML) 2 Page - Exar Corporation

  MP8798 Datasheet HTML 1Page - Exar Corporation MP8798 Datasheet HTML 2Page - Exar Corporation MP8798 Datasheet HTML 3Page - Exar Corporation MP8798 Datasheet HTML 4Page - Exar Corporation MP8798 Datasheet HTML 5Page - Exar Corporation MP8798 Datasheet HTML 6Page - Exar Corporation MP8798 Datasheet HTML 7Page - Exar Corporation MP8798 Datasheet HTML 8Page - Exar Corporation MP8798 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MP8798
2
Rev. 3.00
SIMPLIFIED BLOCK AND TIMING DIAGRAM
OFW
10
DFF
N
N
CLK
Ladder
Fine
Com-
Adder
45
6
CLK
1/2 R
φB
AGND DGND
Coarse
Comparators
N
OFW
Resolution
parators
N-1
N-1
AVDD DVDD
VREF(+)
VREF1(–)
DB9-DB0
DB9-DB0
1 or 4
MUX
AIN1
AIN4
φS
2 to 4
Decoder
A1
A0
WR
AIN2
AIN3
PD
VREF(–)
4
Latch
φB
φS
PIN CONFIGURATIONS
See Packaging Section for
Package Dimensions
28 Pin SOIC (Jedec, 0.300”) – S28
28 Pin SSOP – A28
DB2
DB1
DB0
PD
AGND
1/2 R
AVDD
AIN4
VREF(–)
VREF(+)
DGND
A1
A0
CLK
DB8
DVDD
DB3
DB4
DB5
DB6
DB7
28
1
15
14
2
3
4
5
6
7
17
16
8
9
19
18
10
11
23
22
21
20
27
26
25
24
12
13
DB9
OFW
AIN3
AIN2
AIN1
VREF1(–)
WR
13
16
14
15
1
2
3
4
5
6
7
8
9
10
28
27
26
25
24
23
22
21
20
19
11
18
12
17
DB2
DB1
DB0
PD
AGND
1/2 R
AVDD
AIN4
VREF(–)
VREF(+)
DGND
A1
A0
CLK
DB8
DVDD
DB3
DB4
DB5
DB6
DB7
DB9
OFW
AIN3
AIN2
AIN1
VREF1(–)
WR
28 Pin PDIP (0.300”)
NN28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com