Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8798AQ Datasheet(PDF) 9 Page - Exar Corporation

Part # MP8798AQ
Description  CMOS Very Low Power, 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8798AQ Datasheet(HTML) 9 Page - Exar Corporation

Back Button MP8798AQ Datasheet HTML 5Page - Exar Corporation MP8798AQ Datasheet HTML 6Page - Exar Corporation MP8798AQ Datasheet HTML 7Page - Exar Corporation MP8798AQ Datasheet HTML 8Page - Exar Corporation MP8798AQ Datasheet HTML 9Page - Exar Corporation MP8798AQ Datasheet HTML 10Page - Exar Corporation MP8798AQ Datasheet HTML 11Page - Exar Corporation MP8798AQ Datasheet HTML 12Page - Exar Corporation MP8798AQ Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MP8798
9
Rev. 3.00
Analog Input Multiplexer
The MP8798 includes a 4-channel analog input multiplexer.
The relationship between the clock, the multiplexer address, the
WR and the output data is shown in
Figure 10.
WR
Clock
DB0-DB9
tCLKS2
tWR
tCLKH2
Address
tAS
tAH
Sample N
Old Address
Sample M
New Address
Sample
M+1
N-2 Valid
N-1 Valid
Old Address
N Valid
Old Address
M Valid
New Address
Figure 10. MUX Address Timing
tCLKS2 = tCLKH2 = 0
A1, A0
MUXEN
(Internal Signal)
tAS
tAH
WR
tWR
tMUXEN1
Figure 11. Analog MUX Timing
Reference Voltages
The input/output relationship is a function of VREF:
AIN = VIN – VREF(–)
VREF = VREF(+) – VREF(–)
DATA = 1023
∗ (A
IN/VREF)
A system can increase total gain by reducing VREF.
Digital Interfaces
The logic encodes the outputs of the comparators into a bi-
nary code and latches the data in a D-type flip-flop for output.
The functional equivalent of the MP8798 (
Figure 12.) is com-
posed of:
1)
Delay stage (tAP) from the clock to the sampling phase
(
φ
S).
2)
An ideal analog switch which samples VIN.
3)
An ideal A/D which tracks and converts VIN with no
delay.
4)
A series of two DFF’s with specified hold (tHLD) and
delay (tDL) times.
tAP, tHLD and tDL are specified in the Electrical Characteristics
table.
Figure 12. MP8798 Functional Equivalent
Circuit and Interface Timing
φ
VIN
S
A/D
MP8798
CLK
DB9-DB0
N
N+1
N-1
N
tDL
tHLD
DQ
DQ
DB9-DB0
CLK
VIN
tAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com