Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL252 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL252
Description  Optocoupler, Phototransistor Output, AC Input, with Base Connection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL252 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL252 Datasheet HTML 1Page - Vishay Siliconix IL252 Datasheet HTML 2Page - Vishay Siliconix IL252 Datasheet HTML 3Page - Vishay Siliconix IL252 Datasheet HTML 4Page - Vishay Siliconix IL252 Datasheet HTML 5Page - Vishay Siliconix IL252 Datasheet HTML 6Page - Vishay Siliconix IL252 Datasheet HTML 7Page - Vishay Siliconix IL252 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IL250, IL251, IL252, ILD252
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 21-Feb-18
2
Document Number: 83618
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Forward continuous current
IF
60
mA
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
OUTPUT
Collector emitter breakdown voltage
BVCEO
30
V
Emitter base breakdown voltage
BVEBO
5V
Collector base breakdown voltage
BVCBO
70
V
Power dissipation single channel
Pdiss
200
mW
Power dissipation dual channel
Pdiss
150
mW
Derate linearly from 25 °C single channel
2.6
mW/°C
Derate linearly from 25 °C dual channel
2
mW/°C
COUPLER
Total dissipation single channel
Ptot
250
mW
Total dissipation dual channel
Ptot
400
mW
Derate linearly from 25 °C single channel
3.3
mW/°C
Derate linearly from 25 °C dual channel
5.3
mW/°C
Storage temperature
Tstg
-55 to +150
°C
Operating temperature
Tamb
-55 to +100
°C
Lead soldering time at 260 °C
10
s
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = ± 10 mA
VF
-1.2
1.5
V
OUTPUT
Collector emitter breakdown voltage
IC = 1 mA
BVCEO
30
50
-
V
Emitter base breakdown voltage
IE = 100 μA
BVEBO
710
-
V
Collector base breakdown voltage
IC = 10 μA
BVCBO
70
90
-
V
Collector emitter leakage current
VCE = 10 V
ICEO
-
5
50
nA
COUPLER
Collector emitter saturation voltage
IF = ± 16 mA, IC = 2 mA
VCEsat
--
0.4
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com