Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F579 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F579
Description  8-bit bidirectional binary counter 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F579 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F579 Datasheet HTML 1Page - NXP Semiconductors 74F579 Datasheet HTML 2Page - NXP Semiconductors 74F579 Datasheet HTML 3Page - NXP Semiconductors 74F579 Datasheet HTML 4Page - NXP Semiconductors 74F579 Datasheet HTML 5Page - NXP Semiconductors 74F579 Datasheet HTML 6Page - NXP Semiconductors 74F579 Datasheet HTML 7Page - NXP Semiconductors 74F579 Datasheet HTML 8Page - NXP Semiconductors 74F579 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74F579
8-bit bidirectional binary counter (3-State)
2
1992 May 04
853-0377 06639
FEATURES
• Fully synchronous operation
• Multiplexed 3-State I/O ports for bus oriented applications
• Built in cascading carry capability
• U/D pin to control direction of counting
• Separate pins for Master reset and Synchronous operation
• Center power pins to reduce effects of package inductance
• Count frequency 115MHz Typ
• Supply current 100mA Typ
• See 74F269 for 24-pin separate I/O port version
• See 74F779 for 16-pin version
DESCRIPTION
The 74F579 is a fully synchronous 8-stage Up/Down Counter with
multiplexed 3-State I/O ports for bus-oriented applications. It
features a preset capability for programmable operation, carry
look-ahead for easy cascading and a U/D input to control the
direction of counting. All state changes, except for the case of
asynchronous reset, are initiated by the rising edge of the clock.
TC output is not recommended for use as a clock or asynchronous
reset due to the possibility of decoding spikes.
PIN CONFIGURATION
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
CP
I/O0
I/O1
I/O2
I/O3
GND
I/O4
I/O5
I/O6
I/O7
VCC
MR
SR
CEP
CET
TC
PE
CS
OE
U/D
SF01085
ORDERING INFORMATION
TYPE
TYPICAL fMAX
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F579
115MHz
100mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
20-Pin Plastic DIP
N74F579N
SOT146-1
20-Pin Plastic SOL
N74F579D
SOT163-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
I/O
Data Inputs
3.5/1.0
70
µA/0.6mA
I/On
Data Outputs
150/40
3.0mA/24mA
PE
Parallel Enable input (active Low)
1.0/1.0
20
µA/0.6mA
U/D
Up/Down count control input
1.0/1.0
20
µA/0.6mA
MR
Master Reset input (active Low)
1.0/1.0
20
µA/0.6mA
SR
Synchronous Reset input (active Low)
1.0/1.0
20
µA/0.6mA
CEP
Count Enable Parallel input (active Low)
1.0/1.0
20
µA/0.6mA
CET
Count Enable Trickle input (active Low)
1.0/1.0
20
µA/0.6mA
CS
Chip Select input (active Low)
1.0/1.0
20
µA/0.6mA
OE
Output Enable input (active Low)
1.0/1.0
20
µA/0.6mA
CP
Clock input (active Rising Edge)
1.0/1.0
20
µA/0.6mA
TC
Terminal Count Output (active Low)
50/33
1.0mA/20mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com