Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K824P.. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # K824P..
Description  Optocoupler, Phototransistor Output, AC Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K824P.. Datasheet(HTML) 2 Page - Vishay Siliconix

  K824P.. Datasheet HTML 1Page - Vishay Siliconix K824P.. Datasheet HTML 2Page - Vishay Siliconix K824P.. Datasheet HTML 3Page - Vishay Siliconix K824P.. Datasheet HTML 4Page - Vishay Siliconix K824P.. Datasheet HTML 5Page - Vishay Siliconix K824P.. Datasheet HTML 6Page - Vishay Siliconix K824P.. Datasheet HTML 7Page - Vishay Siliconix K824P.. Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83523
532
Rev. 2.1, 10-Dec-08
K814P, K824P, K844P
Vishay Semiconductors
Optocoupler, Phototransistor
Output, AC Input
Notes
(1) Tamb = 25 °C, unless otherwise specified.
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum
ratings for extended periods of the time can adversely affect reliability.
(2) Refer to wave profile for soldering conditions for through hole devices.
Note
Tamb = 25 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
AC isolation test voltage (RMS)
t = 1.0 min
VISO
5000
VRMS
Total power dissipation
Ptot
250
mW
Operating ambient temperature range
Tamb
- 40 to +100
°C
Storage temperature range
Tstg
- 55 to + 125
°C
Soldering temperature (3)
2 mm from case, t
≤ 10 s
Tsld
260
°C
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = ± 50 mA
VF
1.25
1.6
V
Reverse current
VR = ± 6 V
IR
10
µA
OUTPUT
Collector emitter voltage
IC = 100 µA
VCEO
70
V
Emitter collector voltage
IE = 100 µA
VECO
7V
Collector dark current
VCE = 20 V, IF = 0, E = 0
ICEO
100
nA
COUPLER
Collector emitter saturation voltage
IF = ± 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
IF = ± 10 mA, VCE = 5 V,
RL = 100 Ω
fc
100
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = ± 5 mA
K814P
CTR
20
300
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Delay time
VS = 5 V, IC = 2 mA, RL = 100 Ω (see figure 1)
td
3µs
Rise time
VS = 5 V, IC = 2 mA, RL = 100 Ω (see figure 1)
tr
3µs
Fall time
VS = 5 V, IC = 2 mA, RL = 100 Ω (see figure 1)
tf
4.7
µs
Storage time
VS = 5 V, IC = 2 mA, RL = 100 Ω (see figure 1)
ts
0.3
µs
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100 Ω (see figure 1)
ton
6µs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100 Ω (see figure 1)
toff
5µs
Turn-on time
VS = 5 V, IC = 10 mA, RL = 1 kΩ (see figure 1)
ton
9µs
Turn-off time
VS = 5 V, IC = 10 mA, RL = 1 kΩ (see figure 1)
toff
18
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com