Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F595 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F595
Description  8-bit shift register with output laches 3-State
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F595 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F595 Datasheet HTML 1Page - NXP Semiconductors 74F595 Datasheet HTML 2Page - NXP Semiconductors 74F595 Datasheet HTML 3Page - NXP Semiconductors 74F595 Datasheet HTML 4Page - NXP Semiconductors 74F595 Datasheet HTML 5Page - NXP Semiconductors 74F595 Datasheet HTML 6Page - NXP Semiconductors 74F595 Datasheet HTML 7Page - NXP Semiconductors 74F595 Datasheet HTML 8Page - NXP Semiconductors 74F595 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
74F595
8-bit shift register with output latches (3-State)
2
1990 Apr 18
853–1096 99392
FEATURES
Low noise, now switching feedthrough current
Controlled output edge rates
High impedance PNP base inputs for reduced loading
(20
µA in High and Low states)
8-bit serial-in, parallel-out shift register with storage
3-state outputs
Shift register has direct clear
Guaranteed shift frequency-DC to 100MHz
DESCRIPTION
The 74F595 contains an 8-bit serial-in, parallel-out shift register that
feeds an 8-bit D-type storage register. The storage register has
parallel 3-State outputs. Separate clocks are provided for both the
shift register and the storage register. The shift register has a direct
overriding clear, serial input and serial output pins for cascading.
Both the shift register and storage register clocks are positive
edge-triggered. If the user wishes to connect both clocks together,
the shift register state will always be one clock pulse ahead of the
storage register.
This device uses patented circuitry to control system noise and
internal ground bounce. This is done by eliminating switching
feedthrough current and controlling both Low-to-High and
High-to-Low slew rates.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
Q7
VCC
STCP
SHCP
SHR
OE
Q0
DS
Q1
Q2
Q6
Q3
Q4
Q5
SF01096
9
8
GND
QS
TYPE
TYPICAL fMAX
TYPICAL SUPPLY CURRENT
(TOTAL)
74F595
130MHz
65mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16-pin plastic DIP
N74F595N
SOT38-4
16-pin plastic SO
N74F595D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Ds
Serial data input
1.0/0.033
20
µA/20µA
SHCP
Shift register clock pulse input (active rising edge)
1.0/0.033
20
µA/20µA
STCP
Storage register clock pulse input (active rising edge)
1.0/0.033
20
µA/20µA
SHR
Shift register reset input (active Low)
1.0/0.033
20
µA/20µA
OE
Output Enable input (active Low)
1.0/0.033
20
µA/20µA
Qs
Serial expansion output
50/33
1.0mA/20mA
Q0–Q7
Data outputs
150/40
3.0mA/24mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com