Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4122 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4122
Description  Read-only UHF RFID IC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4122 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4122 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
EM4122
Copyright
© 2005, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
Read-only UHF RFID IC
Description
The chip is used in passive UHF read-only transponder
applications. It is powered up by an RF beam transmitted
by the reader, which is received and rectified to generate
a supply voltage for the chip. A pre-programmed code is
transmitted to the reader by varying the amount of energy
that is reflected back to the reader.
It implements a
robust and fast anti-collision protocol.
The chip is
frequency independent and can be used for RF coupled
applications where reading ranges in excess of 10 m and
reading rates of 120 tags per second at 256 kbit/s can be
attained.
The chip is backscattering data using load modulation.
Therefore the reader should be able to detect ASK and
PSK modulated carrier.
Typical Applications
The chip is ideal for applications where long range,
high-speed item identification is required:
Supply chain management
Tracking and tracing
Access control
Asset control
Licensing
Auto-tolling
Animal tagging
Sports event timing
Features
Factory programmed 64 bit ID number
High data rate: Up to 256 kbit/s
Frequency independent: Typically used at 869
MHz, 902 - 960 MHz (versions 001 to 099),
2.45 GHz (versions 101 to 199)
On-chip oscillator
On-chip rectifier
Low voltage operation - down to 1.0 V at
ambient temperature
Low power consumption
Low cost
-40
° to +85° C operating temperature range
Benefits
Anti-collision suited to flux monitoring
Very low consumption
High backscatter amplitude
Designed for ease of antenna attachment
Typical Operating Configuration
EM4122
Vss
A
Fig. 1
UHF
transponders
can
be
implemented
using
an
EM4122 chip and an open dipole antenna.
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM4122

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4123 EMMICRO-EM4123 Datasheet
47Kb / 1P
Read-only UHF RFID IC
EM4123V002WS7E EMMICRO-EM4123V002WS7E Datasheet
47Kb / 1P
Read-only UHF RFID IC
EM4123V002WW11 EMMICRO-EM4123V002WW11 Datasheet
47Kb / 1P
Read-only UHF RFID IC
EM4123V004WS7E EMMICRO-EM4123V004WS7E Datasheet
47Kb / 1P
Read-only UHF RFID IC
EM4123V004WW11 EMMICRO-EM4123V004WW11 Datasheet
47Kb / 1P
Read-only UHF RFID IC
More results

Similar Description - EM4122

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TK5530 ATMEL-TK5530 Datasheet
215Kb / 9P
READ ONLY TRANSPONDER
logo
Texas Instruments
TMS27C020 TI-TMS27C020 Datasheet
193Kb / 15P
READ-ONLY MEMORIES
logo
EM Microelectronic - MA...
EM4223 EMMICRO-EM4223 Datasheet
426Kb / 29P
Read-only UHF Radio Frequency Identification Device
logo
WJ Communication. Inc.
WJR7000 WJCI-WJR7000 Datasheet
224Kb / 4P
UHF RFID reader module
logo
EM Microelectronic - MA...
EM4123 EMMICRO-EM4123 Datasheet
47Kb / 1P
Read-only UHF RFID IC
logo
Texas Instruments
RI-TRP-RFOB-01 TI1-RI-TRP-RFOB-01 Datasheet
80Kb / 4P
KEYRING TAG (READ ONLY/READ WRITE)
logo
List of Unclassifed Man...
TRW-RFIDSA6UR ETC2-TRW-RFIDSA6UR Datasheet
344Kb / 3P
UHF RFID Module
TRW-RFIDSACUSB ETC2-TRW-RFIDSACUSB Datasheet
344Kb / 3P
UHF RFID Module
logo
STMicroelectronics
ST25RU3993-EVAL STMICROELECTRONICS-ST25RU3993-EVAL Datasheet
865Kb / 12P
ST25RU3993 RAIN® (UHF) RFID reader IC evaluation board
Oct-2019
logo
SparkFun Electronics
SPX-15113 SPARKFUN-SPX-15113 Datasheet
2Mb / 4P
UHF RFID Ring Antenna
1??1??9
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com