Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F604 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F604
Description  Dual octal latch 3-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F604 Datasheet(HTML) 6 Page - NXP Semiconductors

  74F604 Datasheet HTML 1Page - NXP Semiconductors 74F604 Datasheet HTML 2Page - NXP Semiconductors 74F604 Datasheet HTML 3Page - NXP Semiconductors 74F604 Datasheet HTML 4Page - NXP Semiconductors 74F604 Datasheet HTML 5Page - NXP Semiconductors 74F604 Datasheet HTML 6Page - NXP Semiconductors 74F604 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Philips Semiconductors
Product specification
74F604
Dual octal latch (3-State)
1990 Mar 01
6
AC SETUP REQUIREMENTS
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
An, Bn to LE
Waveform 3
1.0
2.0
2.0
3.0
ns
th(H)
th(L)
Hold time, High or Low
An, Bn to LE
Waveform 3
0
1.0
0
1.5
ns
tW(L)
LE Pulse width, Low
Waveform 3
5.0
6.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
VM
tPLH
tPHL
SELECT A/B
Qn
VM
SF01119
VM
Waveform 1. Propagation Delay, SELECT A/B To Output
(B latched data=Low. LE=H)
VM
VM
tPLH
tPHL
SELECT A/B
Qn
VM
SF01120
VM
Waveform 2. Propagation Delay, SELECT A/B to Output
(A latched data=Low. LE=H)
SF01121
VM
VM
VM
VM
VM
An, Bn
LE
ts(H)
ts(L)
th(L)
th(H)
VM
VM
tw(L)
Waveform 3. Data Setup and Hold Times,
Latch Enable Pulse Width
VM
VM
VM
tPHZ
tPZH
LE
Qn
VOH -0.3V
0V
SF01122
Waveform 4. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
VM
VM
VM
tPLZ
tPZL
LE
Qn
VOL +0.3V
SF01123
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com