Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM4135 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4135
Description  13.56MHz, ISO15693 Standard Compliant Contactless Identification Device
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4135 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4135 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM4135
Copyright
 2003, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
13.56MHz, ISO15693 Standard Compliant
Contactless Identification Device
General Description
The EM4135 is a CMOS integrated circuit intended for use in
contactless Read/Write transponders.
The 2.4k bit EEPROM memory contained in the chip is
organized in 38 words of 64 bits, each word can be irreversibly
locked. The memory contains a unique serial number (UID).
The ISO 15693 anticollision algorithm allows operating more
tags in the field simultaneously. The EM4135 is completely
ISO15693 compliant since it includes all ISO15963 mandatory
features.
The 64 bits UID as defined in ISO15693 standard is factory
programmed and locked. It includes a 6 bits chip type and a
10 bits customer code made specific on request.
The resonant capacitor value is selected by metal mask.
Applications
Access Control
Ticketing
Asset management
Features
ISO15693 Standard: Fully Compliant
Operating Frequency: 13.56MHz
± 7KHz
(ISM, world-wide licence free available)
2.4K bit EEPROM organised in 38 words of 64 bits
64-bit Unique Identifier (UID)
Lock feature convert EEPROM words in Read Only
Support Application Field Identifier (AFI)
Power-check for EEPROM write operation
Resonant capacitor integrated on chip
28pF or 95pF (selectable by mask option)
No external supply buffer capacitor needed
-40 to +85
°C temperature range
Very low Power consumption (no battery needed)
Bonding pads optimised for flip-chip assembly
Typical Operating Configuration
C1
C2
EM4135
L
Figure 1.
Block Diagram
Vdd
Cr
L2
L1
POR
EEPROM
R
E
G
U
L
A
T
O
R
MODULATOR
LIMITER
POWER
MONITOR
CBUF
AM
DEMODULATOR
MOD
LOGIC
CLOCK
EXTRACTOR
RECEIVED
CLOCK
Lr
VPOS
PULSE
RECTIFIER
PCK
Figure 2.
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM4135

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results

Similar Description - EM4135

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4034 EMMICRO-EM4034 Datasheet
54Kb / 1P
13.56MHz, ISO15693 Standard Compliant Contactless RW Identification Device
EM4035 EMMICRO-EM4035 Datasheet
93Kb / 1P
13.56MHz CRYPTO ISO15693 Compliant Contactless Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
13.56MHz 64 Data bit Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
V4070 EMMICRO-V4070 Datasheet
170Kb / 9P
Crypto Contactless Identification Device
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com