Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFS25 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NFS25
Description  25W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS25 Datasheet(HTML) 3 Page - Artesyn Technologies

  NFS25 Datasheet HTML 1Page - Artesyn Technologies NFS25 Datasheet HTML 2Page - Artesyn Technologies NFS25 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NFS25 Series
Dual and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
25W AC/DC Universal Input Switch Mode Power Supplies
3
www.artesyn.com
File Name: NFS25.PDF Rev: 01 Jan 2000
0.156 (3.96) Dia.
(4 Places)
5.00
(127.00)
NON-METALLIC
STAND-OFF
(SEE NOTE A)
MAXIMUM
COMPONENT
HEIGHT 1.2
inches
C5
J2
1
P1 (SEE NOTE C)
F1
J1
N
~
L
Q1
F 3.15A, H 250VAC
2.550
(64.8)
0.22
(5.59)
3.00
(76.2)
0.22 (5.59)
4.55
(115.8)
~
ALL DIMENSIONS IN INCHES (mm)
T1
International Safety Standard Approvals
VDE0805/EN60950/IEC950/IEC1010
File No. 10401-3336-1044 Licence No. 2559, 1651
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
Mechanical Notes
A
In order to meet safety requirements, a non-metallic stand-off is mandatory
for one hole as specified in the mechanical drawing above.
B
The ground pad of the mounting hole near P1 allows system grounding
through a metal stand-off.
C To improve conducted noise, the ground pad of the mounting hole near the
output connector should be connected with the ground pad of the
mounting hole near P1. Use metal stand-offs attached to a common metal
chassis. This connection also significantly attenuates common mode noise.
D A standard L-bracket and cover is available for mounting which contains all
screws, connectors and necessary mounting hardware. Order part number
‘NFS40 COVER KIT’.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com