Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6905CS5-96 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6905CS5-96
Description  Fixed Frequency SOT-23 Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6905CS5-96 Datasheet(HTML) 3 Page - Linear Technology

  LTC6905CS5-96 Datasheet HTML 1Page - Linear Technology LTC6905CS5-96 Datasheet HTML 2Page - Linear Technology LTC6905CS5-96 Datasheet HTML 3Page - Linear Technology LTC6905CS5-96 Datasheet HTML 4Page - Linear Technology LTC6905CS5-96 Datasheet HTML 5Page - Linear Technology LTC6905CS5-96 Datasheet HTML 6Page - Linear Technology LTC6905CS5-96 Datasheet HTML 7Page - Linear Technology LTC6905CS5-96 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC6905-XXX Series
3
6905xf
The
● denotes the specifications which apply over the full specified
temperature range, otherwise specifications are at TA = 25°C or as noted. OE = DIV = V
+, V+ = 2.7V to 3.6V, RL = 15k, CL = 5pF, unless
otherwise noted. All voltages are with respect to GND.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Power Supply Current
DIV = V+ (÷ 1), V+ = 3.6V
LTC6905-133
●
10
15
mA
LTC6905-100
●
812
mA
LTC6905-96
●
812
mA
LTC6905-80
●
711
mA
DIV = 0 (÷ 4), V+ = 3.6V
LTC6905-133
●
58
mA
LTC6905-100
●
47
mA
LTC6905-96
●
47
mA
LTC6905-80
●
3.5
6
mA
VIH
High Level DIV or OE Pins Input Voltage
● V+ – 0.15
V
VIL
Low Level DIV or OE Pins Input Voltage
●
0.2
V
IDIV
DIV Input Current (Note 4)
DIV = V+
V+ = 5.5V
●
15
40
µA
DIV = 0V
V+ = 5.5V
●
–40
– 11
µA
IOE
OE Input Current (Note 4)
OE = V+
V+ = 5.5V
15
µA
OE = 0V
V+ = 5.5V
–11
µA
VOH
High Level Output Voltage (Note 4)
V+ = 5.5V
IOH = – 1mA
●
5.25
5.45
V
IOH = – 4mA
●
5.20
5.30
V
V+ = 2.7V
IOH = – 1mA
●
2.5
2.6
V
IOH = – 4mA
●
2.3
2.5
V
VOL
Low Level Output Voltage (Note 4)
V+ = 5.5V
IOL = 1mA
●
0.05
0.25
V
IOL = 4mA
●
0.2
0.3
V
V+ = 2.7V
IOL = 1mA
●
0.1
0.3
V
IOL = 4mA
●
0.4
0.5
V
tr, tf
OUT Rise/Fall Time (Note 5)
0.5
ns
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Frequency accuracy is tested with DIV = V+ (÷1). Other divide
ratios are guaranteed by design.
Note 3: Jitter is the ratio of the peak-to-peak distribution of the period to
the mean of the period. This specification is based on characterization and
is not 100% tested.
Note 4: To conform with the Logic IC Standard convention, current out of
a pin is arbitrarily given as a negative value.
Note 5: Output rise and fall times are measured between the 10% and
90% power supply levels.
Note 6: A heat sink may be required to keep the junction temperature
below the absolute maximum when the output is shorted indefinitely.
Note 7: The LTC6905 is optimized for the performance with a 3V power
supply voltage. Refer to Typical Performance Characteristics curves in this
data sheet for additional information regarding the LTC6905 voltage
coefficient, especially between 4.5V and 5.5V. Please consult LTC
Marketing for parts optimized for 5V operation.
Note 8: The LTC6905C-XXX is guaranteed functional over the operating
temperature range and is guaranteed to meet specified performance from
0°C to 70°C. The LTC6905C-XXX is designed, characterized and expected
to meet specified performance from –40°C to 85°C but is not tested or QA
sampled at these temperatures. The LTC6905I-XXX is guaranteed to meet
specified performance from –40°C to 85°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com