Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6S91 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6S91
Description  Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S91 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6S91 Datasheet HTML 5Page - Microchip Technology MCP6S91 Datasheet HTML 6Page - Microchip Technology MCP6S91 Datasheet HTML 7Page - Microchip Technology MCP6S91 Datasheet HTML 8Page - Microchip Technology MCP6S91 Datasheet HTML 9Page - Microchip Technology MCP6S91 Datasheet HTML 10Page - Microchip Technology MCP6S91 Datasheet HTML 11Page - Microchip Technology MCP6S91 Datasheet HTML 12Page - Microchip Technology MCP6S91 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
 2004 Microchip Technology Inc.
DS21908A-page 9
MCP6S91/2/3
FIGURE 1-6:
Output Voltage Model with
the standard condition VREF =VSS =0V.
1.1.3
OUTPUT NON-LINEARITY
Figure 1-7 shows the Integral Non-Linearity (INL) of the
output voltage.
EQUATION 1-5:
The output non-linearity specification in the Electrical
Specifications (with units of: % of FSR) is related to
Figure 1-7 by:
EQUATION 1-6:
The Full-Scale Range (FSR) is VDD – 0.6V
(0.3V to VDD – 0.3V).
FIGURE 1-7:
Output Voltage INL with the
standard condition VREF =VSS =0 V.
1.1.4
DIFFERENT VREF CONDITIONS
Some of the plots in Section 2.0 “Typical Performance
Curves”,
have
the
conditions
VREF =VDD/2 or
VREF =VDD. The equations and figures above are easily
modified for these conditions. The ideal VOUT equation
becomes:
EQUATION 1-7:
The complete linear model is:
EQUATION 1-8:
where the new VIN end points are:
EQUATION 1-9:
The equations for extracting the specifications do not
change.
0
0
0.3
VDD – 0.3
VDD
VOUT (V)
VIN (V)
0.3
VDD – 0.3 VDD
G
GG
V1
V2
INL
V
OUT
V
O_LIN
–
=
V
ONL
max V
3 V4
,
()
V
DD
0.6V
–
------------------------------- 100%
⋅
=
0
INL (V)
VIN (V)
0.3
VDD – 0.3 VDD
G
GG
0
V3
V4
V
O_ID
V
REF
GV
IN
V
REF
–
()
+
=
V
DD
V
REF
V
SS
0V
=
>
≥
V
ON_LIN
G1
g
E
+
() V
IN
V
IN_L
V
OS
+
–
() 0.3V
+
=
V
REF
V
SS
0V
==
V
IN_L
0.3V
V
REF
–
G
------------------------------
V
REF
+
=
V
IN_H
V
DD
0.3V
–
V
REF
–
G
-----------------------------------------------
V
REF
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com