Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F74 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F74
Description  Dual D-type flip-flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F74 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F74 Datasheet HTML 1Page - NXP Semiconductors 74F74 Datasheet HTML 2Page - NXP Semiconductors 74F74 Datasheet HTML 3Page - NXP Semiconductors 74F74 Datasheet HTML 4Page - NXP Semiconductors 74F74 Datasheet HTML 5Page - NXP Semiconductors 74F74 Datasheet HTML 6Page - NXP Semiconductors 74F74 Datasheet HTML 7Page - NXP Semiconductors 74F74 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
74F74
Dual D-type flip-flop
1996 Mar 12
3
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
5, 9
6, 8
Q
Q
4, 10
1, 13
3, 11
2, 12
SD
RD
CP
D
SF00048
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING
SD
RD
CP
D
Q
Q
MODE
L
H
X
X
H
L
Asynchronous set
H
L
X
X
L
H
Asynchronous reset
L
L
X
X
H
H
Undetermined*
H
H
↑
h
H
L
Load ”1”
H
H
↑
l
L
H
Load ”0”
H
H
↑
X
NC
NC
Hold
NOTES:
H = High voltage level
h
= High voltage level one setup time prior to low-to-high clock
transition
L
= Low voltage level
l
= Low voltage level one setup time prior to low-to-high clock
transition
NC= No change from the previous setup
X = Don’t care
↑ = Low-to-high clock transition
↑ = Not low-to-high clock transition
*
= This setup is unstable and will change when either set or reset
return to the high level.
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
40
mA
T
Operating free air temperature range
Commercial range
0 to +70
°C
Tamb
Operating free air temperature range
Industrial range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High-level output current
–1
mA
IOL
Low-level output current
20
mA
T
b
Operating free air temperature range
Commercial range
0
+70
°C
Tamb
O erating free air tem erature range
Industrial range
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com