Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6152V30 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6152V30
Description  5V Automotive Regulator with Windowed Watchdog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6152V30 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6152V30 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6152V30 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6152V30 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6152V30 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6152V30 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6152V30 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6152V30 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6152V30 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6152V30 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
R
EM6152
Copyright © 2006, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
rev. B / 06.06
Ordering Information
Note: the “+” symbol at the end of the part number means that this product is RoHS compliant (green).
Pin Assignment and Description
SO8
PSOP2-16
Name
Function
1
2
EN
Push-pull active low enable output
2
3
RES
Open drain active low reset output. RES
must be pulled up to VOUTPUT even if
unused
3
4
TCL
Watchdog timer clear input signal
4
5
VSS
GND terminal
5
12
INPUT
Voltage regulator input
6
13
OUTPUT Voltage regulator output
7
14
ROSC
ROSC input for RC oscillator tuning
8
15
VIN
Voltage comparator input
-
1, 6 to 11, 16
NC
No connect
-
Heat Sink
Contact
Can be connected to Vss or left floating
Block Diagram EM6152
RES
EN
TCL
Voltage
Regulator
Voltage
Reference
Voltage
Reference
Current
Controlled
Oscillator
-
+
VREF
Comparator
Reset
Control
Timer
Enable
Logic
INPUT
VIN
ROSC
OUTPUT
Open drain
output RES
Fig. 3
Part Number
Version
VREF
Package
Delivery Form
Package
Marking
EM6152V30SO8A+
Stick, 97 pcs
EM6152V30SO8B+
SO-8
Tape & Reel, 2500 pcs
6152030
EM6152V30PS16B+
V30
1.17 V
PSOP2-16
Tape & Reel, 2500pcs
EM6152 030
EM6152V50SO8A+
Stick, 97 pcs
EM6152V50SO8B+
SO-8
Tape & Reel, 2500 pcs
6152050
EM6152V50PS16B+
V50
1.52 V
PSOP2-16
Tape & Reel, 2500pcs
EM6152 050
EM6152V53SO8A+
Stick, 97 pcs
EM6152V53SO8B+
SO-8
Tape & Reel, 2500 pcs
6152053
EM6152V53PS16B+
V53
1.52V
PSOP2-16
Tape & Reel, 2500pcs
EM6152 053
EM6152V55SO8A+
Stick, 97 pcs
EM6152V55SO8B+
V55
1.275 V
SO-8
Tape & Reel, 2500 pcs
6152055
V
SS
R
OSC
4
OUTPUT
INPUT
RES
EN
TCL
V
IN
SO8
1
3
2
8
6
7
5
EM6152
V
SS
R
OSC
OUTPUT
INPUT
RES
EN
TCL
V
IN
PSOP2-16
EM6152
NC
NC
NC
NC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com