Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10073379 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # 10073379
Description  R/A HEADER ASSY 2X2 AIRMAX POWER 11.5MM HEIGHT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

10073379 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  10073379 Datasheet HTML 1Page - Amphenol Communications Solutions 10073379 Datasheet HTML 2Page - Amphenol Communications Solutions 10073379 Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2017/07/07
2017/06/29
2017/07/07
2007/01/09
Tian-Zhao Lin
Art Lin
Heaven Cen
Chen-Hong Tan
ELX-DG-27348-1
G
Released
PDS: Rev :G
STATUS:Released
Printed: Jul 07, 2017


Similar Part No. - 10073379

ManufacturerPart #DatasheetDescription
logo
Heyco.
10073 HEYCO-10073 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
Innovative Sensor Techn...
100732 IST-100732 Datasheet
382Kb / 2P
Platinum sensor with wires on thin substrate For high temperatures
logo
PHOENIX CONTACT
1007329 PHOENIX-1007329 Datasheet
53Kb / 2P
Marker cards - SBS 6: 1- 500
1007352 PHOENIX-1007352 Datasheet
326Kb / 6P
Special function module - AXL F PWM2 1H
1007358 PHOENIX-1007358 Datasheet
52Kb / 2P
Marker cards - SBS 6: 501-1000
More results

Similar Description - 10073379

ManufacturerPart #DatasheetDescription
logo
FCI connector
10028436 FCI-CONNECTOR-10028436 Datasheet
184Kb / 5P
AIRMAX VS R/A HEADER ASSY PRESS-FIT I20 POS 22MM
logo
Amphenol Corporation
AA622-01000 AMPHENOL-AA622-01000 Datasheet
113Kb / 2P
AIRMAX VS RA HEADER ASSY POWER,PRESS-FIT,2X2 POS,12MM
logo
FCI connector
10045267-101LF FCI-CONNECTOR-10045267-101LF Datasheet
320Kb / 5P
AirMax VS R/A HEADER ASSY PRESS-FIT, 72 POSM 18MM
logo
Amphenol Communications...
10052824 AMPHENOLCS-10052824 Datasheet
363Kb / 5P
airmax vs r/a header assy press-fit, 72 pos, 20mm
Rev B
10028916 AMPHENOLCS-10028916 Datasheet
506Kb / 2P
2X2 VERTICAL RECEPTACLE ASSY AIRMAX POWER
Rev. N
10028917 AMPHENOLCS-10028917 Datasheet
504Kb / 2P
R/A HEADER ASSY 2X2 AIRMAX POWER
Rev. H
10052620 AMPHENOLCS-10052620 Datasheet
514Kb / 2P
R/A RECEPTACLE ASSY 2X2 AirMAX Power
Rev. J
10061289 AMPHENOLCS-10061289 Datasheet
309Kb / 2P
R/A HEADER ASSY 2X3 POWER AIRMAX POWER
Rev. C
10124620 AMPHENOLCS-10124620 Datasheet
508Kb / 2P
R/A RECEPTACLE ASSY 2X2 Air Max Power
Rev. F
10124648 AMPHENOLCS-10124648 Datasheet
533Kb / 2P
R/A HEADER ASSEMBLY, 2X2 AIRMAX POWER, 11.5MM HEIGHT (PERFORMANCE BASED PLATING)
Rev. D
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com