Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER113LSTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # VIPER113LSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER113LSTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VIPER113LSTR Datasheet HTML 12Page - STMicroelectronics VIPER113LSTR Datasheet HTML 13Page - STMicroelectronics VIPER113LSTR Datasheet HTML 14Page - STMicroelectronics VIPER113LSTR Datasheet HTML 15Page - STMicroelectronics VIPER113LSTR Datasheet HTML 16Page - STMicroelectronics VIPER113LSTR Datasheet HTML 17Page - STMicroelectronics VIPER113LSTR Datasheet HTML 18Page - STMicroelectronics VIPER113LSTR Datasheet HTML 19Page - STMicroelectronics VIPER113LSTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
General description
VIPer11
16/37
DS11873 Rev 5
5
General description
5.1
Block diagram
Figure 25. Block diagram
5.2
Typical power capability
Table 8. Typical power
Vin: 230 VAC
Vin: 85-265 VAC
Adapter(1)
Open frame(2)
Adapter
Open frame
10 W
12 W
6 W
7 W
1. Typical continuous power in non-ventilated enclosed adapter measured at 50 °C ambient.
2. Maximum practical continuous power in an open frame design at 50 °C ambient, with adequate heat-sinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com