Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1130 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F1130
Description  Dual Path Lowband RF Receiver 400MHz to 1100MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1130 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F1130 Datasheet HTML 14Page - Renesas Technology Corp F1130 Datasheet HTML 15Page - Renesas Technology Corp F1130 Datasheet HTML 16Page - Renesas Technology Corp F1130 Datasheet HTML 17Page - Renesas Technology Corp F1130 Datasheet HTML 18Page - Renesas Technology Corp F1130 Datasheet HTML 19Page - Renesas Technology Corp F1130 Datasheet HTML 20Page - Renesas Technology Corp F1130 Datasheet HTML 21Page - Renesas Technology Corp F1130 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Dual Path Lowband RF Receiver
400MHz to 1100MHz
F1130
Datasheet
Glitch-FreeTM, RF Receiver
18
February 8, 2022
MIXER: TYPICAL OPERATING CONDITIONS (- 9 -)
Gain vs. Tcase [GMXR, HS Injection]
Gain vs. Vcc [GMXR, HS Injection]
Gain vs. LO Power [GMXR, HS Injection]
Gain vs. Tcase [GMXR, LS Injection]
Gain vs. Vcc [GMXR, LS Injection]
Gain vs. LO Power [GMXR, LS Injection]
0
2
4
6
8
10
12
14
16
18
20
400
500
600
700
800
900
1000
1100
RF Frequency (MHz)
-40 C / 5.00 V / 0 dBm / CH A
-40 C / 5.00 V / 0 dBm / CH B
+25 C / 5.00 V / 0 dBm / CH A
+25 C / 5.00 V / 0 dBm / CH B
+105 C / 5.00 V / 0 dBm / CH A
+105 C / 5.00 V / 0 dBm / CH B
0
2
4
6
8
10
12
14
16
18
20
400
500
600
700
800
900
1000
1100
RF Frequency (MHz)
+25 C / 4.75 V / 0 dBm / CH A
+25 C / 4.75 V / 0 dBm / CH B
+25 C / 5.00 V / 0 dBm / CH A
+25 C / 5.00 V / 0 dBm / CH B
+25 C / 5.25 V / 0 dBm / CH A
+25 C / 5.25 V / 0 dBm / CH B
0
2
4
6
8
10
12
14
16
18
20
400
500
600
700
800
900
1000
1100
RF Frequency (MHz)
+25 C / 5.00 V / -3 dBm / CH A
+25 C / 5.00 V / -3 dBm / CH B
+25 C / 5.00 V / 0 dBm / CH A
+25 C / 5.00 V / 0 dBm / CH B
+25 C / 5.00 V / +3 dBm / CH A
+25 C / 5.00 V / +3 dBm / CH B
0
2
4
6
8
10
12
14
16
18
20
400
500
600
700
800
900
1000
1100
RF Frequency (MHz)
-40 C / 5.00 V / 0 dBm / CH A
-40 C / 5.00 V / 0 dBm / CH B
+25 C / 5.00 V / 0 dBm / CH A
+25 C / 5.00 V / 0 dBm / CH B
+105 C / 5.00 V / 0 dBm / CH A
+105 C / 5.00 V / 0 dBm / CH B
0
2
4
6
8
10
12
14
16
18
20
400
500
600
700
800
900
1000
1100
RF Frequency (MHz)
+25 C / 4.75 V / 0 dBm / CH A
+25 C / 4.75 V / 0 dBm / CH B
+25 C / 5.00 V / 0 dBm / CH A
+25 C / 5.00 V / 0 dBm / CH B
+25 C / 5.25 V / 0 dBm / CH A
+25 C / 5.25 V / 0 dBm / CH B
0
2
4
6
8
10
12
14
16
18
20
400
500
600
700
800
900
1000
1100
RF Frequency (MHz)
+25 C / 5.00 V / -3 dBm / CH A
+25 C / 5.00 V / -3 dBm / CH B
+25 C / 5.00 V / 0 dBm / CH A
+25 C / 5.00 V / 0 dBm / CH B
+25 C / 5.00 V / +3 dBm / CH A
+25 C / 5.00 V / +3 dBm / CH B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com