Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRO-OB-607 Datasheet(PDF) 1 Page - Abracon Corporation

Part # PRO-OB-607
Description  OnBoard 2.4 GHz Mini SMD - Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

PRO-OB-607 Datasheet(HTML) 1 Page - Abracon Corporation

  PRO-OB-607 Datasheet HTML 1Page - Abracon Corporation PRO-OB-607 Datasheet HTML 2Page - Abracon Corporation PRO-OB-607 Datasheet HTML 3Page - Abracon Corporation PRO-OB-607 Datasheet HTML 4Page - Abracon Corporation PRO-OB-607 Datasheet HTML 5Page - Abracon Corporation PRO-OB-607 Datasheet HTML 6Page - Abracon Corporation PRO-OB-607 Datasheet HTML 7Page - Abracon Corporation PRO-OB-607 Datasheet HTML 8Page - Abracon Corporation PRO-OB-607 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED:
For terms and conditions of sales, please visit:
www.abracon.com
OnBoard 2.4 GHz Mini SMD - Antenna
PRO-OB-607
9.90 x 4.30 x 2.00 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Features
•
Ultra Compact
•
Low Profile of 2 mm
•
Mixed Linear Polarization
•
Peak Gain of -0.6 dBi
•
Surface Mount
•
Durable-Shelf life of up to 10 years
Applications
•
Wi-Fi/BT/BLE/ZigBee/ISM Applications
•
IoT, M2M
o
Industrial
o
Infrastructure
o
Medical
•
Remote Technology / Monitoring
•
Network Devices
•
Consumer Tracking
•
Smart Home
•
Smart Wearables
Product Image


Similar Part No. - PRO-OB-607

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
PRO-OB-607 ABRACON-PRO-OB-607 Datasheet
790Kb / 11P
OnBoard 2.4 GHz Mini SMD - EVB
More results

Similar Description - PRO-OB-607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A10192 ETC2-A10192 Datasheet
751Kb / 12P
Fusca 2.4 GHz SMD Antenna
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
Impexa 2.4 GHz SMD Antenna
A5645 ETC2-A5645 Datasheet
1Mb / 12P
Mica 2.4 GHz SMD Antenna
A5839 ETC2-A5839 Datasheet
957Kb / 14P
Rufa 2.4 GHz SMD Antenna
A5887 ETC2-A5887 Datasheet
957Kb / 14P
Rufa 2.4 GHz SMD Antenna
A6111 ETC2-A6111 Datasheet
1Mb / 12P
Comata 2.4 GHz SMD Antenna
logo
Abracon Corporation
PRO-EB-450 ABRACON-PRO-EB-450 Datasheet
710Kb / 11P
OnBoard 2.4 GHz SMD - EVB
PRO-EB-609 ABRACON-PRO-EB-609 Datasheet
790Kb / 11P
OnBoard 2.4 GHz Mini SMD - EVB
PRO-OB-440 ABRACON-PRO-OB-440 Datasheet
835Kb / 12P
OnBoard 2.4 GHz SMD - Antenna
PRO-OB-536 ABRACON-PRO-OB-536 Datasheet
963Kb / 13P
2.4/5GHz OnBoard WLAN SMD - Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com