Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSCD Datasheet(PDF) 1 Page - C&K Components

Part # KSCD
Description  Sealed Detect Switch for SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSCD Datasheet(HTML) 1 Page - C&K Components

  KSCD Datasheet HTML 1Page - C&K Components KSCD Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E–41
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
E
E–40
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
KSC D Series
Sealed Detect Switch for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
• Soft actuator
• J or G terminations
• Tape & reel
• IP67
• RoHS compliant and compatible
Mechanical
Specification
FUNCTION: momentary action compatible with permanent actuation
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: J bend & Gullwing type for SMT
Compatible with permanent actuation
Actuator
4 Soft, H=5,2 mm
K S C
D
Operating Force
D Detect 2.0N (200 grams)
Contact Material
1 Silver
2 Silver long life
3 Gold
Termination
J J bend
G Gull wing
Operating
Operating force
life
Travel
Type
FA Newtons
(operations)
(mm)
KSC4D1
1,0 - 3,0
500,000
0,6 ± 0,25
KSC4D2
1,0 - 3,0
2,000,000
0,6 ± 0,25
KSC4D3
1,0 - 3,0
500,000
0,6 ± 0,25
Typical Applications
• Automotive
• Cellular phones
• Industrial electronics
• Computer infrastructure and IT
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
0.1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.):
≥ 250 V
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE (100 V):
≥ 109 Ω
BOUNCE TIME:
≤ 1 ms
ULC: Ultra Low Current 0.01 mA @ 1.8 V DC
5
0 S H
Rubber Hardness
Indication
50 Shore
LFS RoHS compliant &
compatible, silver plated
LFG RoHS compliant &
compatible, gold plated
Electrical
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING:
- Infrared Reflow according to free soldering process with IEC
61760-1
Packaging
KSC4: Reels of 1,000 pieces
Dimensions of reels according to EIA RS481 or IEC 60286-3
External diameter 330 mm ± 2 mm
NOTE
•
Part numbers listed above do not represent all possible configurations. For
information on specific and custom switches, consult Customer Service Center.
•
This data sheet does not provide enough information for applications which
require a certain level of quality or safety such as automotive, medical systems,
safety equipment. Please contact your sales representative to get contractual
specification package.
8 Apr 22
NONE
ULC* (ultra low current)
* Gold plating only


Similar Part No. - KSCD

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSCDCT CK-COMPONENTS-KSCDCT Datasheet
209Kb / 1P
Dual Circuit Technology Tact Switch
25 oct 18
More results

Similar Description - KSCD

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSC4D ITT-KSC4D Datasheet
171Kb / 2P
Sealed Detect Switch for SMT
logo
C&K Components
KSC4D CK-COMPONENTS-KSC4D Datasheet
147Kb / 2P
Sealed Detect Switch for SMT
KSR2D CK-COMPONENTS-KSR2D Datasheet
120Kb / 1P
Subminiature Detect Switch for SMT
KSC721G-LFS CK-COMPONENTS-KSC721G-LFS Datasheet
299Kb / 6P
Sealed Tact Switch for SMT
logo
ITT Industries
KSC621G ITT-KSC621G Datasheet
250Kb / 5P
Sealed Tact Switch for SMT
logo
C&K Components
KSC4D1J50SH CK-COMPONENTS-KSC4D1J50SH Datasheet
197Kb / 2P
Sealed Detect Switch for SMT
KSC201 CK-COMPONENTS-KSC201 Datasheet
101Kb / 1P
Sealed Tact Switch for SMT
JCH CK-COMPONENTS-JCH Datasheet
149Kb / 1P
Microminiature IP64 Sealed SMT Detect Switch
2013
KSC CK-COMPONENTS-KSC_V01 Datasheet
423Kb / 3P
Sealed Tact Switch for SMT
KSRD CK-COMPONENTS-KSRD Datasheet
190Kb / 2P
Subminiature Detect Switch for SMT
29 Jul 21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com