Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD Datasheet(PDF) 4 Page - C&K Components

Part # CD
Description  8mm DIP Coded Rotary Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CD Datasheet(HTML) 4 Page - C&K Components

  CD_V02 Datasheet HTML 1Page - C&K Components CD_V02 Datasheet HTML 2Page - C&K Components CD_V02 Datasheet HTML 3Page - C&K Components CD_V02 Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
H
H–40
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
CD Series
8mm DIP Coded Rotary Switches
CONTACT MATERIAL
.335
(8,5)
.630
(16,0)
.403
(10,2)
.079
(2,0)
.157
(4,0)
.059 DIA
(1,5Ø)
.069
(1,8)
.945
(24,0)
.194
(4,9)
FEED DIRECTION
For part number CDxxM0SB
Reel Information
Outside diameter
13.00 (333,0)
Pilot hole
.512 (13,0)
TAPE & REEL
OPTION
CODE
CONTACT
MATERIAL
TERMINAL
PLATING
RATING
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
GOLD
GOLD
B
0.4 VC MAX. @ 20 V AC or DC MAX.
YES
YES
LOW LEVEL/DRY CIRCUIT
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
TERMINATIONS
8
C
2
1
C
4
F 1
0
1
C
4
8
C
2
.300
(7,62)
.032 TYP.
(0.81)
.100 TYP.
(2,54)
.315
(8,0)
.200
(5,08)
.100
(2,54)
.168
(4,27)
.300
(7,62)
.010 TYP
(0,25)
.125 TYP
(3,18)
.025 TYP
(0,6)
.020 TYP
(0,51)
.315
(8,0)
.025
(0,6)
.100
(2,54)
.305
(7,75)
.200
(5,08)
.100 TYP.
(2,54)
Ø.032
(0,81)
TYP.
.050.
(1,27)
.200
(5,08)
.100
(2,54)
.020 TYP.
(0,51)
.010
(0,25)
.183
(4,64)
TYP.
.025
(0,6)
.025
(0,6)
.138
(3,51)
.025 TYP.
(0,64)
STAND-OFF
.315
(8,00)
.330
(8,36)
.315
(8,0)
.099
(2,52)
1C
4
.200
(5,08)
8
1
1
C
4
8
C
2
3
2
.020 TYP.
(0,51)
.010 THK.
(0,25)
.040 TYP.
(1,02)
.315
(8,00)
.315
(8,00)
.200
(5,08)
.390
(9,90)
.168
(4,27)
.006
(0,15)
.100
(2,54)
8
C
2
1
C
4
.200
(5,08)
.100 TYP.
(2,54)
.080
(2,03)
.050
(1,27)
TYP.
.430
(10,92)
0
9
1
1
C
4
8
C
2
C PC, THRU-HOLE
A RIGHT ANGLE, PC THRU-HOLE
S SURFACE MOUNT
12 Nov 20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com