Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S201 Datasheet(PDF) 2 Page - C&K Components

Part # S201
Description  Slide Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

S201 Datasheet(HTML) 2 Page - C&K Components

  S201 Datasheet HTML 1Page - C&K Components S201 Datasheet HTML 2Page - C&K Components S201 Datasheet HTML 3Page - C&K Components S201 Datasheet HTML 4Page - C&K Components S201 Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SWITCH FUNCTION
I
I–29
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
S Series
Slide Switches
ACTUATOR
.062
(1,57)
.062
(1,57)
C2; C3; C5  SNAP-ON CAP
13  SCREWDRIVER SLOT
(WITHOUT MARKING)
12  SCREWDRIVER SLOT
(WITH MARKING)
09  .250” HIGH
03  .335” HIGH
04  .500” HIGH
Part number shown: S101031SS03Q
NOTE: and MOM. in table indicates momentary action.
All models
with all options when ordered with ‘G’ or ‘Q’ contact material.
Contacts make on side actuator thrown.
NOTE: Standard actuator color is black, other colors available, consult Customer Service Center. Alternate heights
are available with ‘03, 04 and 09’ actuators, consult Customer Service Center. Models with S2 mounting style,
subtract .090 (2, 29). Actuators ‘12’ and ‘13’ are available with DPST and DPDT models only.
Part number shown: S202031SS03Q
White 115-230 markings (std.).
Without markings.
Available with S2 mounting
style only.
NOTE: Actuator finish: matte.
If no color is specified, black will be
supplied. Colored actuator caps may
also be ordered separately and user
installed, see page I-32.
OPTION
CODE2
C1-CT CAP
COLOR
S101
6
SPSTSS
S102
6SPDTMS,SS
S112
6SPDT-MOM.MS,SS
S701
15
SPST
S1,S2,S3,ST
S702
15
SPDT
S1,S2,S3,ST
SP
AVAILABLE
MOUNTING
STYLES
SCHEMATIC
SWITCH
FUNCTION
AMP
RATING
MODEL
NO.
NO.
POLES
S201
6DPSTMS,SS,TS
S202
6DPDTMS,SS, TS
S602
12
DPDT
MS,SS, TS
S802
15
DPDT
S1,S2,S3,ST
DP
AVAILABLE
MOUNTING
STYLES
SCHEMATIC
SWITCH
FUNCTION
AMP
RATING
MODEL
NO.
NO.
POLES
SPST
DPDT
C2
BLACK
C3
RED
C5
YELLOW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com