Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2860PCBA Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF2860PCBA
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2860PCBA Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF2860PCBA Datasheet HTML 4Page - RF Micro Devices RF2860PCBA Datasheet HTML 5Page - RF Micro Devices RF2860PCBA Datasheet HTML 6Page - RF Micro Devices RF2860PCBA Datasheet HTML 7Page - RF Micro Devices RF2860PCBA Datasheet HTML 8Page - RF Micro Devices RF2860PCBA Datasheet HTML 9Page - RF Micro Devices RF2860PCBA Datasheet HTML 10Page - RF Micro Devices RF2860PCBA Datasheet HTML 11Page - RF Micro Devices RF2860PCBA Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8-390
RF2860
Rev A7 031105
Evaluation Board Schematic
KPCS, IF=220.38MHz
(Download Bill of Materials from www.rfmd.com.)
C22
3 pF
L6
3.3 nH
C2
33 nF
L11
2.2 nH
C15
6.2 pF
R1
5.6 k
L1
100 nH
L5
15 nH
16
15
14
13
11
12
9
10
5
6
7
8
2
1
4
3
FL1
FILTER
SAWTEK
2X2
C13
10 pF
C4
33 nF
LNA GAIN
C17
33 nF
C11
DNI
L4
DNI
L3*
DNI
L7
1.5 nH
C14
1 pF
J4
LNA IN
J5
LNA OUT
R2
30
C7
33 nF
VCC
R3
8.2 k
R5
27 k
L9
33 nH
C19*
DNI
C18*
DNI
C9
33 nF
J6
MIX IN
L8
DNI
C21*
DNI
L10
3.9 nH
C23
1.3 pF
C8
33 nF
VCC
C16
6.2 pF
L2
180 nH
C6
33 nF
VCC
C3
5.1 pF
J1
CDMA IF
J2
LO IN
VCC
C12
DNI
C10
DNI
J3
LO OUT
C5
33 nF
ENABLE
C1
33 nF
TX BUF EN
*IF FREQ=220MHz
P1
CON3
P1-3
VCC
C20
1 uF
+
P2
CON4
P2-2
P2-4
P2-1
P3*
DNI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com