Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JC-SERIES Datasheet(PDF) 2 Page - Japan Automatic Machine Co., Ltd.

Part # JC-SERIES
Description  5 Position Housing Connector Crimp 22-30 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

JC-SERIES Datasheet(HTML) 2 Page - Japan Automatic Machine Co., Ltd.

  JC-SERIES Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. JC-SERIES Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. JC-SERIES Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Board in
Connector
166
JC
品 番
Part No.
適用電線範囲
Wire Size
被覆外径
Dia of Insulation
材 質
Material
表面処理
Finish
形 状
Style
被覆剥き長さ
Stripping length
個数/リール
PCS/Reel
備 考
Reference
510430-2MA
♯22∼♯30
φ0.88∼φ1.8mm
黄 銅 Brass
スズメッキ材
Pre-tin Plated
A
3.0+0
−0.5mm
12,000×6R
510430-2MAC
リン青銅 Phosphor Bronze
510420-2MA
黄 銅 Brass
B
10,000×6R
510420-2MAC
リン青銅 Phosphor Bronze
搭載機種
Loaded Model
端子番号
Terminal No.
圧着マシン
Crimping Machine
ストリップクリンパー
Strip Crimper
510430
JC-2300
SCA-18500
510420
JC-2200
SCA-18600
S-Type
L-Type
注1)アプリケータは搭載するマシンにより型式番号が異なります。
注2)シールド線・同軸ケーブル・小サイズ電線・その他の特殊仕様の電線を使用の時は、お問
い合わせ下さい。
Note 1)Model number of each applicator is decided by setting machine.
Note 2)Contact us if special wire like shielded wire, coaxial cable, small size
wire is used.
(UNIT:mm)
(UNIT:mm)
Style-A
Style-B
端子 
TERMINAL
アプリケータ 
APPLICATOR
基板・組立レイアウト 
BOARD・ASSEMBLY LAYOUT
注1)基板穴のピッチは全体にわたって公差±0.05で累積しないこと。
Note 1)Pitch of P.C.B. hole must not be accumulated in tolerance of ±0.05 as a whole.
注2)推奨基板レイアウト(コネクタ装着面)
Note 2) P.C.B. Layout(Connector installation side)
注3)基板穴寸法は基板の種類・材質・穴開け方法によって異なります。スルーホール基板などの固い素
材の基板をご使用の場合は穴径を大きめに設定してください。上記の記載寸法は参考値ですので詳しく
は弊社までお問い合わせください。
Note 3)Dimensions of P.C.B. hole are different in kinds of P.C.B. material and methods
of making holes. Diameter of holes must be set a bit lager if material is used hard like
Through-Hole P.C.B. The above is only reference value. Please contact us for more details.
3.4
1.8
3.4
1.6
1.6
4.75
2.5±0.05
両サイド / Both sides
φ1.0±0.05
No.1
φ1.2
2.5±0.05
両サイド / Both sides
φ1.0±0.05
No.1
φ1.2
電線引出方向
Wire Dir.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com