Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9801-M/SNG Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP9801-M/SNG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9801-M/SNG Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP9801-M/SNG Datasheet HTML 9Page - Microchip Technology MCP9801-M/SNG Datasheet HTML 10Page - Microchip Technology MCP9801-M/SNG Datasheet HTML 11Page - Microchip Technology MCP9801-M/SNG Datasheet HTML 12Page - Microchip Technology MCP9801-M/SNG Datasheet HTML 13Page - Microchip Technology MCP9801-M/SNG Datasheet HTML 14Page - Microchip Technology MCP9801-M/SNG Datasheet HTML 15Page - Microchip Technology MCP9801-M/SNG Datasheet HTML 16Page - Microchip Technology MCP9801-M/SNG Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 13
MCP9800/1/2/3
5.0
FUNCTIONAL DESCRIPTION
The MCP9800/1/2/3 temperature sensor consists of a
band-gap type temperature sensor, a
 Analog-to-
Digital Converter (ADC), user-programmable registers
and a 2-wire I2C protocol-compatible serial interface.
FIGURE 5-1:
Functional Block Diagram.
5.1
Temperature Sensor
The MCP9800/1/2/3 uses the difference in the base-
emitter voltage of a transistor while its collector current
is changed from IC1 to IC2. With this method, the VBE
depends only on the ratio of the two currents and the
ambient temperature, as shown in Equation 5-1.
EQUATION 5-1:
5.2
 Analog-to-Digital Converter
A Sigma-Delta ADC is used to convert
VBE to a digital
word that corresponds to the transistor temperature.
The converter has an adjustable resolution from 0.5°C
(at 30 ms conversion time) to 0.0625°C (at 240 ms
conversion time). Thus, it allows the user to make
trade-offs between resolution and conversion time.
Refer to Section 5.3.2 “Sensor Configuration
Register (CONFIG)”
and Section 5.3.4.7 “
 ADC
Resolution”
for details.
Resolution
0.5°C
0.25°C
0.125°C
0.0625°C
Temperature
THYST
TSET
Register
Register
Register
Register
Pointer
I2C™
Interface
Configuration
Register
 ADC
Band-Gap
Temperature
Sensor
One-Shot
Shutdown
Fault Queue
Alert Polarity
Alert Comp/Int
V
BE
kT
q
------


ln IC
1 IC2

=
Where:
T = temperature in kelvin
VBE = change in diode base-emitter
voltage
k = Boltzmann's constant
q = electron charge
IC1 and IC2 = currents with n:1 ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com