Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR711FR2T6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STR711FR2T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR711FR2T6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STR711FR2T6 Datasheet HTML 21Page - STMicroelectronics STR711FR2T6 Datasheet HTML 22Page - STMicroelectronics STR711FR2T6 Datasheet HTML 23Page - STMicroelectronics STR711FR2T6 Datasheet HTML 24Page - STMicroelectronics STR711FR2T6 Datasheet HTML 25Page - STMicroelectronics STR711FR2T6 Datasheet HTML 26Page - STMicroelectronics STR711FR2T6 Datasheet HTML 27Page - STMicroelectronics STR711FR2T6 Datasheet HTML 28Page - STMicroelectronics STR711FR2T6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 74 page
background image
STR71xF
Introduction
25/74
36 G7
P1.5/T1.ICAP
B
I/O
pu
CT
4mA
X
X
Port 1.5
Timer 1: Input
Capture B
37
F7
P1.6/T1.OCM
PB
I/O
pu
CT
4mA
X
X
Port 1.6
Timer 1: Output
Compare B
38
E8 V33IO-PLL
S
Supply voltage for digital I/O circuitry and for PLL
reference2)
39
F6 VSSIO-PLL
S
Ground voltage for digital I/O circuitry and for PLL
reference2)
40
E7
P1.7/T1.OCM
PA
I/O
pu
CT
4mA
X
X
Port 1.7
Timer 1: Output
Compare A
41 D8 P1.8
I/O
pd
CT
4mA
X
X
Port 1.8
42
E6 P1.11/CANRX I/O
pu
CT X4mA X
X
Port 1.11
CAN: receive data input
Note: On STR710 and STR712 only
43 D7 P1.12/CANTX
I/O
pu
CT
4mA
X
X
Port 1.12
CAN: Transmit data output
Note: On STR710 and STR712 only
42
E6 USBDP
I/O
CT
USB bidirectional data (data +). Reset state = HiZ
Note: On STR710 and STR711 only
This pin requires an external pull-up to V33 to
maintain a high level.
43 D7 USBDN
I/O
CT
USB bidirectional data (data -). Reset state = HiZ
Note: On STR710 and STR711 only.
44 C8 VSS
S
Ground voltage for digital I/O circuitry2)
45
E5 P1.9
I/O
pd
CT
4mA
X
X
Port 1.9
46 C7
P1.10/USBCL
K
I/O
pd
C/
T
4mA
X
X
Port 1.10
USB: 48 MHZ
clock input
47 D6
P1.13/HCLK/I
0.SCL
I/O
pd
CT X4mA X
X
Port 1.13
HDLC:
reference clock
input
I2C clock
48
B8
P1.14/HRXD/I
0.SDA
I/O
pu
CT X4mA X
X
Port 1.14
HDLC: Receive
data input
I2C serial data
49
A8 P1.15/HTXD
I/O
pu
CT
4mA
X
X
Port 1.15 HDLC: Transmit data output
50
A7 VSS
S
Ground voltage for digital I/O circuitry2)
51
A6 V33
S
Supply voltage for digital I/O circuitry2)
Table 6.
STR711/STR712/STR715 Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com