Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1T6 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STR712FR1T6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1T6 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STR712FR1T6 Datasheet HTML 66Page - STMicroelectronics STR712FR1T6 Datasheet HTML 67Page - STMicroelectronics STR712FR1T6 Datasheet HTML 68Page - STMicroelectronics STR712FR1T6 Datasheet HTML 69Page - STMicroelectronics STR712FR1T6 Datasheet HTML 70Page - STMicroelectronics STR712FR1T6 Datasheet HTML 71Page - STMicroelectronics STR712FR1T6 Datasheet HTML 72Page - STMicroelectronics STR712FR1T6 Datasheet HTML 73Page - STMicroelectronics STR712FR1T6 Datasheet HTML 74Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
Product history
STR71xF
70/74
4
Product history
There are two versions of the STR710F series products. The two versions are functionally
identical and differ only with the points listed below.
Version "A" was the first version produced and delivered. The second version, version "Z", is
currently being phased into production and will replace version "A".
Version "Z" has lower power consumption in STOP mode.
Marking
The difference between the two versions is visible on the marking of the product, with the
version letter on top of the part number. This version letter is visible in Figure 40 shows a
TQFP144 "A" STR710 and a TQFP64 "Z" STR712
Figure 40. Version Marking
Table 39.
A and Z version differences
Feature
A version
Z version
ARM7TDMI core device
Identification (ID) code register (see
ARM7TDMI Technical Reference
Manual)
Version bits [31:28] = 0001
Version bits [31:28] = 0010
Low power mode consumption in
STOP mode at 25 °C
Not guaranteed
Typical 49 µA
50 µA maximum at 25°C.
Less than 30 µA at 25 °C for
99.730020% of parts
STR710FZ2T6
2208JVG
MLT225571
STR712FR2
2208JVG
MLT225571
T6
Z
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com