Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM Datasheet(PDF) 3 Page - C&K Components

Part # PM
Description  5 Tumbler Miniature Snap-in Switchlocks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PM Datasheet(HTML) 3 Page - C&K Components

  PM Datasheet HTML 1Page - C&K Components PM Datasheet HTML 2Page - C&K Components PM Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
WC  WIRE LEAD
PM Series
5 Tumbler Miniature Snap-in Switchlocks
LOCK FINISH
TERMINATIONS
LOCK STYLE
CONTACT MATERIAL
AVAILABLE HARDWARE
PANEL MOUNTING
Panel thickness:
.050-.080 (1,27-2,03)
M  PLASTIC LOCK WITH MATTE FINISH
05  QUICK CONNECT
K  CONE SHAPED FACING
UL style 1015.
Black wire standard, other colors and lengths available,
consult Customer Service Center.
Key Code: 041
PART NO. (ONE KEY)
617D1004102 BLACK
Material: Brass
Finish: Nickel plate
6/6 Nylon insert molded head
1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
2 CONTACTS & TERMINALS: Copper, silver plated (standard with all
termination options).
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
All models
with all options when ordered with ‘Q’ contact material.
CONTACT AND
OPTION
CODE
TERMINAL MATERIAL
RATING
Q
4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA)
LOW LEVEL/DRY CIRCUIT
B
SILVER 2
POWER
0.4 VA MAX. @ 20 V AC or DC MAX.
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
YES
YES
YES
YES
GOLD 1
L–24
L
27 Jun 22



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com