Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG3856 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STG3856
Description  Low Voltage 1.0??Max Dual SP3T Switch With Break Before Make Feature
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3856 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STG3856 Datasheet HTML 4Page - STMicroelectronics STG3856 Datasheet HTML 5Page - STMicroelectronics STG3856 Datasheet HTML 6Page - STMicroelectronics STG3856 Datasheet HTML 7Page - STMicroelectronics STG3856 Datasheet HTML 8Page - STMicroelectronics STG3856 Datasheet HTML 9Page - STMicroelectronics STG3856 Datasheet HTML 10Page - STMicroelectronics STG3856 Datasheet HTML 11Page - STMicroelectronics STG3856 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3 Electrical Characteristics
STG3856
8/13
3.2
AC Electrical Characteristics
Table 6.
AC Electrical Characteristics (CL = 35pF, RL = 50Ω, tr = tf ≤ 5ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC (V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH,
tPHL
Propagation
Delay
1.65-1.95
0.45
ns
2.3 - 2.7
0.40
3.0 - 3.3
0.30
3.6 - 4.3
0.30
tON
TURN-ON time
1.65-1.95
VS=0.8V
56
ns
2.3-2.7
VS=1.5V
33
50
60
3.0-3.3
21
40
50
3.6-4.3
19
40
50
tOFF
TURN-OFF
time
1.65-1.95
VS=0.8
24
ns
2.3-2.7
VS=1.5V
17
25
40
3.0-3.3
14
20
30
3.6-4.3
12
20
30
tD
Break Before
Make Time
Delay
1.65-1.95
VS=0.8
10
31
ns
2.3-2.7
VS=1.5V
10
22
40
50
3.0-3.3
10
18
30
40
3.6-4.3
10
7
25
35
Q
Charge
Injection
1.65-1.95 C
L=100pF
RL=1MO
VGEN=0V
RGEN=0Ω
25
pC
2.3-2.7
35
3.0-3.3
40
3.6-4.3
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com