Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6315RAW13F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM6315RAW13F
Description  Open Drain Microprocessor Reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315RAW13F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM6315RAW13F Datasheet HTML 5Page - STMicroelectronics STM6315RAW13F Datasheet HTML 6Page - STMicroelectronics STM6315RAW13F Datasheet HTML 7Page - STMicroelectronics STM6315RAW13F Datasheet HTML 8Page - STMicroelectronics STM6315RAW13F Datasheet HTML 9Page - STMicroelectronics STM6315RAW13F Datasheet HTML 10Page - STMicroelectronics STM6315RAW13F Datasheet HTML 11Page - STMicroelectronics STM6315RAW13F Datasheet HTML 12Page - STMicroelectronics STM6315RAW13F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STM6315
Typical Operating Characteristics
9/21
3
Typical Operating Characteristics
Note:
Typical values are at TA = 25°C.
Figure 7.
Supply Current vs. Supply Voltage, VRST = 2.63V
Figure 8.
Supply Current vs. Temperature (No load), VRST = 2.63V
Supply Voltage, VCC (V)
AI11871c
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Temperature, TA (°C)
AI11872c
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
–40
–20
0
20
40
60
80
100
120
VCC = 2V
VCC = 3V
VCC = 4V
VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com