Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F85 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F85
Description  4-bit magnitude comparator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F85 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F85 Datasheet HTML 1Page - NXP Semiconductors 74F85 Datasheet HTML 2Page - NXP Semiconductors 74F85 Datasheet HTML 3Page - NXP Semiconductors 74F85 Datasheet HTML 4Page - NXP Semiconductors 74F85 Datasheet HTML 5Page - NXP Semiconductors 74F85 Datasheet HTML 6Page - NXP Semiconductors 74F85 Datasheet HTML 7Page - NXP Semiconductors 74F85 Datasheet HTML 8Page - NXP Semiconductors 74F85 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74F85
4-bit magnitude comparator
2
September 27, 1994
853–0055 13903
FEATURES
• High-impedance NPN base inputs for reduced loading
(20
µA in High and Low states)
• Magnitude comparison of any binary words
• Serial or parallel expansion without extra gating
DESCRIPTION
The 74F85 is a 4-bit magnitude comparator that can be expanded to
almost any length. It compares two 4-bit binary, BCD, or other
monotonic codes and presents the three possible magnitude results
at the outputs. The 4-bit inputs are weighted (A0–A3) and (B0–B3)
where A3 and B3 are the most significant bits. The operation of the
74F85 is described in the Function Table, showing all possible logic
conditions. The upper part of the table describes the normal
operation under all conditions that will occur in a single device or in
a series expansion scheme. In the upper part of the table the three
outputs are mutually exclusive. In the lower part of the table, the
outputs reflect the feed-forward conditions that exist in the parallel
expansion scheme. The expansion inputs IA>B, and IA=B and IA<B
are the least significant bit positions. When used for series
expansion, the A>B, A=B and A<B outputs of the lease significant
word are connected to the corresponding IA>B, IA=B and IA<B inputs
of the next higher stage. Stages can be added in this manner to any
length, but a propagation delay penalty of about 15ns is added with
each additional stage. For proper operation, the expansion inputs of
the least significant word should be tied as follows: IA>B = Low,
IA=B = High, and IA<B = Low.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
A<B
VCC
A1
B1
A0
A2
A3
B2
B3
IA<B
A=B
IA=B
IA>B
A>B
9
8
GND
B0
SF00075
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F85
7.0ns
40mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16-pin plastic DIP
N74F85N
SOT38-4
16-pin plastic SO
N74F85D
SOT162-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
A0–A3
Comparing inputs
1.0/0.033
20
µA/20µA
B0–B3
Comparing inputs
1.0/0.033
20
µA/20µA
IA<B, IA=B, IA>B
Expansion inputs (active High)
1.0/0.033
20
µA/20µA
A<B, A=B, A>B
Data outputs (active High)
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
56
7
10
12
13
15
9
11
14
VCC = Pin 16
GND = Pin 8
SF00076
1
A0
A1
A2
A3
B0
B1
B2
B3
A>B
A=B
A<B
IA>B
IA=B
IA<B
2
3
4
IEC/IEEE SYMBOL
SF00077
COMP
7
6
5
10
12
13
15
9
11
14
1
2
3
4
0
3
0
3
<
=
>
P<Q
P=Q
P>Q
P
Q



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com