Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLQ015M15R Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLQ015M15R
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015M15R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLQ015M15R Datasheet HTML 7Page - STMicroelectronics STLQ015M15R Datasheet HTML 8Page - STMicroelectronics STLQ015M15R Datasheet HTML 9Page - STMicroelectronics STLQ015M15R Datasheet HTML 10Page - STMicroelectronics STLQ015M15R Datasheet HTML 11Page - STMicroelectronics STLQ015M15R Datasheet HTML 12Page - STMicroelectronics STLQ015M15R Datasheet HTML 13Page - STMicroelectronics STLQ015M15R Datasheet HTML 14Page - STMicroelectronics STLQ015M15R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
SOT23-5L mechanical data
Figure 18. SOT23-5L package outline
7049676_k
STLQ015
Package information
DS6765 - Rev 7
page 11/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com