Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLQ015M18R Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLQ015M18R
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015M18R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLQ015M18R Datasheet HTML 3Page - STMicroelectronics STLQ015M18R Datasheet HTML 4Page - STMicroelectronics STLQ015M18R Datasheet HTML 5Page - STMicroelectronics STLQ015M18R Datasheet HTML 6Page - STMicroelectronics STLQ015M18R Datasheet HTML 7Page - STMicroelectronics STLQ015M18R Datasheet HTML 8Page - STMicroelectronics STLQ015M18R Datasheet HTML 9Page - STMicroelectronics STLQ015M18R Datasheet HTML 10Page - STMicroelectronics STLQ015M18R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
COUT
Output capacitor
Capacitance (see typical performance
characteristics for stability)
0.47
10
µF
ESR
0.056
6
Ω
1. Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its
nominal value. This specification does not apply to output voltages below 1.5 V.
2. During shutdown and at no load, P-channel leakage current flowing through the internal resistor divider
causes the VOUT rise.
3. Turn-on time is the time measured between the enable input just exceeding VEN high value and the output
voltage just reaching 95% of its nominal value.
STLQ015
Electrical characteristics
DS6765 - Rev 7
page 7/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com