Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4049 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC4049
Description  Hex inverting high-to-low level shifter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4049 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC4049 Datasheet HTML 1Page - NXP Semiconductors 74HC4049 Datasheet HTML 2Page - NXP Semiconductors 74HC4049 Datasheet HTML 3Page - NXP Semiconductors 74HC4049 Datasheet HTML 4Page - NXP Semiconductors 74HC4049 Datasheet HTML 5Page - NXP Semiconductors 74HC4049 Datasheet HTML 6Page - NXP Semiconductors 74HC4049 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
Hex inverting high-to-low level shifter
74HC4049
FEATURES
• Output capability: standard
• ICC category: SSI
GENERAL DESCRIPTION
The 74HC4049 is a high-speed Si-gate CMOS device and
is pin compatible with the “4049” of the “4000B” series. It
is specified in compliance with JEDEC standard no. 7A.
The 74HC4049 provides six inverting buffers with a
modified input protection structure, which has no diode
connected to VCC. Input voltages of up to 15 V may
therefore be used.
This feature enables the inverting buffers to be used as
logic level translators, which will convert high level logic to
low level logic, while operating from a low voltage power
supply. For example 15 V logic (“4000B series”) can be
converted down to 2 V logic.
The actual input switch level remains related to the VCC
and is the same as mentioned in the family characteristics.
At the same time each part can be used as a simple
inverter without level translation.
APPLICATIONS
• Converting 15 V logic (“4000B” series) down to 2 V logic.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Note
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in V
∑ (CL × VCC2 × fo) = sum of outputs
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
tPHL/tPLH
propagation delay nA to nYCL = 15 pF; VCC = 5 V
8
ns
CI
input capacitance
3.5
pF
CPD
power dissipation capacitance per buffer note 1
14
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com