Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQV210B Datasheet(PDF) 2 Page - DB Lectro Inc

Part # KAQV210B
Description  High Voltage, Photo Mos Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

KAQV210B Datasheet(HTML) 2 Page - DB Lectro Inc

  KAQV210B Datasheet HTML 1Page - DB Lectro Inc KAQV210B Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig.8 Voltage vs. current characteristics of
output at MOS FET portion
Measured portion: across terminals 4
and 6 pin
Ambient temperature: 25°C
Load Voltage (V)
Fig.9 Off state leakage current
Across terminals 4 and 6 pin
Ambient temperature: 25°C
LED Forward Current (mA)
Fig.11 LED forward current vs. turn off time
Across terminals 4 and 6 pin;
Load voltage: 350V (DC);
Continuous load current: 130mA (DC);
Ambient temperature: 25°C
Applied Voltage (V)
Fig.12 Applied voltage vs. output capacitance
Across terminals 4 and 6 pin
Frequency: 1MHz
Ambient temperature: 25°C
Ambient Temperature Ta (°C)
Fig.5 LED operate vs. ambient temperature
Load voltage 350V(DC)
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.6 LED turn off current vs. ambient
temperature
Load voltage 350V(DC)
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.1 Load current vs. ambient temperature
Allowable ambient temperature:
-40°C to +85°C
Ambient Temperature Ta (°C)
Fig.2 On resistance vs. ambient temperature
Across terminals 4 and 6 pin
LED current: 5mA
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.3 Turn on time vs. ambient temperature
Load voltage 350V(DC)
LED current: 5mA
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.4 Turn off time vs. ambient temperature
LED current: 5mA; Load voltage:
350V(DC)
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.7 LED dropout voltage vs. ambient
temperature
LED current: 5 to 50mA
LED Forward Current (mA)
Fig.10 LED forward current vs. turn on time
Across terminals 4 and 6 pin;
Load voltage: 350V (DC);
Continuous load current: 130mA (DC);
Ambient temperature: 25°C
KAQV210B/210AB
Data Curve
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com