Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAM65CR51ADZ1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FAM65CR51ADZ1
Description  Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC with SiC Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65CR51ADZ1 Datasheet(HTML) 4 Page - ON Semiconductor

  FAM65CR51ADZ1 Datasheet HTML 1Page - ON Semiconductor FAM65CR51ADZ1 Datasheet HTML 2Page - ON Semiconductor FAM65CR51ADZ1 Datasheet HTML 3Page - ON Semiconductor FAM65CR51ADZ1 Datasheet HTML 4Page - ON Semiconductor FAM65CR51ADZ1 Datasheet HTML 5Page - ON Semiconductor FAM65CR51ADZ1 Datasheet HTML 6Page - ON Semiconductor FAM65CR51ADZ1 Datasheet HTML 7Page - ON Semiconductor FAM65CR51ADZ1 Datasheet HTML 8Page - ON Semiconductor FAM65CR51ADZ1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FAM65CR51ADZ1, FAM65CR51ADZ2
www.onsemi.com
4
Table 3. ELECTRICAL SPECIFICATIONS OF MOSFET (TJ = 25°C, Unless Otherwise Specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
BVDSS
Drain−to−Source Breakdown Voltage
ID = 1 mA, VGS = 0 V
650
−
−
V
VGS(th)
Gate−to−Source Threshold Voltage
VGS = VDS, ID = 3.3 mA
3.0
−
5.0
V
RDS(ON) Q1
Q1 Low Side MOSFET
VGS = 10 V, ID = 20 A
−
44
51
mW
RDS(ON) Q2
Q2 Low Side MOSFET
−
44
51
mW
RDS(ON) Q1
Q1 Low Side MOSFET
VGS = 10 V, ID = 20 A, TJ = 125°C (Note 3)
−
79
−
mW
RDS(ON) Q2
Q2 Low Side MOSFET
−
79
−
mW
gFS
Forward Transconductance
VDS = 20 V, ID = 20 A (Note 3)
−
30
−
S
IGSS
Gate−to−Source Leakage Current
VGS = ±20 V, VDS = 0 V
−100
−
+100
nA
IDSS
Drain−to−Source Leakage Current
VDS = 650 V, VGS = 0 V
−
−
10
mA
DYNAMIC CHARACTERISTICS (Note 3)
Ciss
Input Capacitance
VDS = 400 V
VGS = 0 V
f = 1 MHz
−
4864
−
pF
Coss
Output Capacitance
−
109
−
pF
Crss
Reverse Transfer Capacitance
−
16
−
pF
Coss(eff)
Effective Output Capacitance
VDS = 0 to 520 V
VGS = 0 V
−
652
−
pF
Rg
Gate Resistance
f = 1 MHz
−
2
−
W
Qg(tot)
Total Gate Charge
VDS = 380 V
ID = 20 A
VGS = 0 to 10 V
−
123
−
nC
Qgs
Gate−to−Source Gate Charge
−
37.5
−
nC
Qgd
Gate−to−Drain “Miller” Charge
−
49
−
nC
SWITCHING CHARACTERISTICS (Note 3)
ton
Turn−on Time
VDS = 400 V
ID = 20 A
VGS = 10 V
RG = 4.7 Ohm
−
87
−
ns
td(on)
Turn−on Delay Time
−
47
−
ns
tr
Turn−on Rise Time
−
43
−
ns
toff
Turn−off Time
−
146
−
ns
td(off)
Turn−off Delay Time
−
118
−
ns
tf
Turn−off Fall Time
−
29
−
ns
BODY DIODE CHARACTERISTICS
VSD
Source−to−Drain Diode Voltage
ISD = 20 A, VGS = 0 V
−
0.95
−
V
Trr
Reverse Recovery Time
VDS = 520 V, ID = 20 A,
dI/dt = 100 A/ms (Note 3)
−
133
−
ns
Qrr
Reverse Recovery Charge
−
669
−
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Defined by design, not subject to production test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com