Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGB10M65DF2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STGB10M65DF2
Description  Trench gate field-stop IGBT, M series 650 V, 10 A low-loss in D²PAK package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGB10M65DF2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STGB10M65DF2 Datasheet HTML 11Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 12Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 13Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 14Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 15Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 16Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 17Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 18Page - STMicroelectronics STGB10M65DF2 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
STGB10M65DF2
18/19
DocID027429 Rev 6
5
Revision history
Table 10: Document revision history
Date
Revision
Changes
10-Feb-2015
1
First release.
23-Apr-2015
2
Minor text edits throughout document
In Section 2 Electrical characteristics:
- updated Table 4: Static characteristics
- updated Table 5: Dynamic characteristics
- updated Table 6: IGBT switching characteristics (inductive load)
- updated Table 7: Diode switching characteristics (inductive load)
Added Section 2.1 Electrical characteristics (curves)
11-Jun-2015
3
Document status promoted from preliminary to production data.
31-Jul-2015
4
Updated table titled: "Diode switching characteristics (inductive load)".
20-Oct-2015
5
Updated Table 5: "Dynamic characteristics" and Table 6: "IGBT
switching characteristics (inductive load)". Updated Figure 8:
"Collector current vs. switching frequency".
04-Apr-2017
6
Modified title, features and applications on cover page
Modified Table 2: "Absolute maximum ratings", Table 4: "Static
characteristics", Table 6: "IGBT switching characteristics (inductive
load)" and Table 7: "Diode switching characteristics (inductive load)"
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com