Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGP10NB37LZ Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGP10NB37LZ
Description  10 A - 410 V internally clamped IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NB37LZ Datasheet(HTML) 3 Page - STMicroelectronics

  STGP10NB37LZ Datasheet HTML 1Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 2Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 3Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 4Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 5Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 6Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 7Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 8Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STGB10NB37LZ, STGP10NB37LZ
Electrical ratings
Doc ID 7402 Rev 4
3/15
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
VCES (clamped)
V
VECS
Emitter collector voltage (VGE = 0)
18
V
IC
(1)
1.
Calculated according to the iterative formula:
Collector current (continuous) at TC = 25 °C
20
A
IC
(1)
Collector current (continuous) at TC = 100 °C
10
A
ICP
(2)
2.
Pulse width limited by maximum junction temperature and turn-off within RBSOA
Pulsed collector current
40
A
ICL
(3)
3.Vclamp = 328 V, TC = 125 °C, RG=1 kΩ, VGE= 5 V
Turn-off latching current
40
A
VGE
Gate-emitter voltage
VGE (clamped)
V
PTOT
Total dissipation at TC = 25 °C
125
W
ESD(HBM)
Electrostatic sensitive discharge, human
body model applied to all three pins
(C=100 pF, R=1.5 k
Ω)
4kV
EAS
Single pulse energy at TC = 25 °C
300
mJ
Tstg
Storage temperature
– 65 to 175
°C
Tj
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
1.2
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
°C/W
I
C TC
()
T
jmax
()
T
C
–
R
thj
c
–
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
-------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com