Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD4M65DF2 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STGD4M65DF2
Description  Trench gate field-stop, 650 V, 4 A, M series low-loss IGBT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD4M65DF2 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STGD4M65DF2_V01 Datasheet HTML 12Page - STMicroelectronics STGD4M65DF2_V01 Datasheet HTML 13Page - STMicroelectronics STGD4M65DF2_V01 Datasheet HTML 14Page - STMicroelectronics STGD4M65DF2_V01 Datasheet HTML 15Page - STMicroelectronics STGD4M65DF2_V01 Datasheet HTML 16Page - STMicroelectronics STGD4M65DF2_V01 Datasheet HTML 17Page - STMicroelectronics STGD4M65DF2_V01 Datasheet HTML 18Page - STMicroelectronics STGD4M65DF2_V01 Datasheet HTML 19Page - STMicroelectronics STGD4M65DF2_V01 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Revision history
Table 10. Document revision history
Date
Revision
Changes
25-Nov-2015
1
First release.
18-Apr-2016
2
Modified: features in cover page
Modified: Table 2: "Absolute maximum ratings", Table 4: "Static characteristics", Table 5: "Dynamic
characteristics", Table 6: "IGBT switching characteristics (inductive load)" and Table 7: "Diode
switching characteristics (inductive load)" Added: Section 2.1: "Electrical characteristics (curves)"
Minor text changes
28-Apr-2016
3
Modified: Table 1: "Device summary" in cover page
Minor text changes
21-Nov-2016
4
Updated Table 1. Absolute maximum ratings
Updated Figure 24. Reverse recovery charge vs. diode current slope
Updated Figure 31. Diode reverse recovery waveform
05-Dec-2018
5
Added Section 4.2 DPAK (TO-252) type C2 package information.
STGD4M65DF2
DS11397 - Rev 5
page 19/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com